Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTV111-4222A-A1202 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PTV111-4222A-A1202
Description  12 mm Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PTV111-4222A-A1202 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PTV111-4222A-A1202 Datasheet HTML 1Page - Bourns Electronic Solutions PTV111-4222A-A1202 Datasheet HTML 2Page - Bourns Electronic Solutions PTV111-4222A-A1202 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PTV/PTT Series - 12 mm Potentiometer
Product Dimensions
DIMENSIONS:
MM
(INCHES)
Applications
Audio/TV sets
Car radio
Amplifiers/mixers/drum machines/synthesizers
PCs/monitors
Appliances
PTV111-1
DIA. HOLES 4 PLCS.
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
1.0
+0.2
-0.0
(.039
)
+0.007
-0.0
3.3
(.129)
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082
)
+0.003
-0.0
1
2
3
4
10.2
(.401)
2.0
+0.1
-0.0
(.078
)
+0.003
-0.0
L
F
M9x0.75
0.5
(.019)
1.5
(.059)
0.5
(.019)
4.5
(.177
)
+0
-0.019
+0
-0.5
6.0
(.236
)
+0
-0.019
+0
-0.5
10.0
(.393)
5.0
(.196)
7.5
(.295)
2.6
(.102)
2.0
(.078)
3.5
(.137)
3.3
(.129)
4.0
(.157)
30
°
6.7
(.263)
12.0
(.472)
8.0
+0.0
-0.2
(.314
)
+0.0
-0.0007
5.4
(.212)
8.0
(.315)
10.9
(.429)
1.6
(.062)
9.4
(.370)
0.8
+0.1
-0.1
(.031
)
+0.003
-0.003
PTV111-3
L
F
M9x0.75
5.0
(.196)
7.5
(.295)
10.0
(.393)
2.0
(.078)
0.5
(.019)
0.5
(.019)
1.5
(.059)
4.5
(.177
)
+0
-0.019
+0
-0.5
6.0
(.236
)
+0
-0.019
+0
-0.5
3.5
(.137)
3.8
(.149)
RECOMMENDED PCB LAYOUT
SHAFT SHOWN IN CCW POSITION
30
°
6.7
(.263)
8.0
+0.0
-0.2
(.314
)
+0.0
-0.0007
5.4
(.212)
8.0
(.315)
10.9
(.429)
12.0
(.472)
11.0
(.433)
TERMINAL DETAIL
0.8
+0.1
-0.1
(.031
)
+0.003
-0.003
DIA. HOLES 4 PLCS.
1.0
+0.2
-0.0
(.039
)
+0.007
-0.0
7.5
(.295)
2.5
(.098)
2.1
+0.1
-0.0
(.082
)
+0.003
-0.0
1
2
3
4
13.6
(.535)
2.0 -0.0
(.078
)
+0.003
-0.0
11.0
(.433)
PTV112-4 DUAL GANG
SHAFT SHOWN IN CCW POSITION
6.0
± 0.3
(.236
± .012)
10.0
± 0.5
(.394
± 0.20)
1.0
± 0.3
(.254
± .012)
DIA.
6 PLACES
2.0
(.079)
13.0
± 0.5
(.512
± 0.20)
10.6
± 0.5
(.417
± 0.20)
7.0
± 0.3
(.276
± .012)
2.0
± 0.3
(.078
± .012)
9.1
± 0.3
(.358
± .012)
15.5
± 0.5
(.610
± 0.20)
30
°
12.3
± 0.5
(.484
± 0.20)
6.8
± 0.3
(.268
± .012)
11.0
(.433)
20.0
± 0.5
(.787
± 0.20)
13.6
(.535)
2.2
± 0.3
(.087
± .012)
11.0
(.433)
2.0
± 0.3
(.078
± .012)
0.5
(.019)
0.5
(.019)
1.5
(.059)
4.5
(.177
)
+0
-0.019
+0
-0.5
6.0
(.236
)
+0
-0.019
+0
-0.5
Dimensions Without Bushing
L
12.5
(.492)
15
(.591)
17.5
(.689)
20
(.787)
F
7
(.276)
7
(.276)
12
(.472)
12
(.472)


Similar Part No. - PTV111-4222A-A1202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTV111-4220A-A104 BOURNS-PTV111-4220A-A104 Datasheet
112Kb / 2P
   11mm Potentiometer
PTV111-4220A-B104 BOURNS-PTV111-4220A-B104 Datasheet
112Kb / 2P
   11mm Potentiometer
PTV111-4225A-A104 BOURNS-PTV111-4225A-A104 Datasheet
112Kb / 2P
   11mm Potentiometer
PTV111-4225A-B104 BOURNS-PTV111-4225A-B104 Datasheet
112Kb / 2P
   11mm Potentiometer
More results

Similar Description - PTV111-4222A-A1202

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
   12 mm Rotary Potentiometer
PRS12R BOURNS-PRS12R Datasheet
678Kb / 3P
   PRS12R - 12 mm Rotary Metal Shaft Dual-Potentiometer
04/21
PTV09 BOURNS-PTV09_13 Datasheet
1Mb / 4P
   9 mm Potentiometer
PTV09 BOURNS-PTV09 Datasheet
208Kb / 2P
   9 mm Potentiometer
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
   17 mm Guitar Potentiometer
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
   17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
   17 mm Rotary Potentiometer
6537 BOURNS-6537 Datasheet
161Kb / 1P
   22 mm Precision Potentiometer
PRS11S BOURNS-PRS11S Datasheet
317Kb / 3P
   11 mm SMD Potentiometer
PRM16 BOURNS-PRM16 Datasheet
207Kb / 2P
   16 mm Motorized Potentiometer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com