Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ETQP5M100YFC Datasheet(PDF) 4 Page - Panasonic Battery Group

Part # ETQP5M100YFC
Description  Power Choke Coil for Automotive application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

ETQP5M100YFC Datasheet(HTML) 4 Page - Panasonic Battery Group

  ETQP5M100YFC Datasheet HTML 1Page - Panasonic Battery Group ETQP5M100YFC Datasheet HTML 2Page - Panasonic Battery Group ETQP5M100YFC Datasheet HTML 3Page - Panasonic Battery Group ETQP5M100YFC Datasheet HTML 4Page - Panasonic Battery Group ETQP5M100YFC Datasheet HTML 5Page - Panasonic Battery Group ETQP5M100YFC Datasheet HTML 6Page - Panasonic Battery Group ETQP5M100YFC Datasheet HTML 7Page - Panasonic Battery Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
– 174 –
IDC (A)
0
1
2
3
4
05
10
15
20
30
25
IDC (A)
0
2
4
6
8
10
12
02
4
6
8
16
10 12 14
IDC (A)
0
1
2
3
5
4
6
05
10
15
20
IDC (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
010
20
30
40
IDC (A)
0
5
10
15
20
25
02
4
6
10
8
IDC (A)
0
20
40
60
80
100
120
01
2
3
4
6
57
3. Series PCC-M1054M/PCC-M1050M (ETQP5M
YFC/ETQP5M
YGC)
(1) Measured at 100 kHz.
(2) DC current which causes temperature rise of 40 K. Parts are soldered by reflow on four-layer PWB (1.6 mm FR4) and
measured at room temperature. See also (5)
(3) DC current which causes temperature rise of 40 K. Parts are soldered by reflow on multilayer PWB with high heat
dissipation performance. Note: Heat radiation constant are approx. 23 K/W measured on 10.7 10.0 5.4 mm case
size and approx. 26 K/W measured on 10.7 10.0 5.0 mm case size. See also (5)
(4) Suturation rated current : Dc current which causes L(0) drop –30 %.
(5) Within a suitable application, the part’s temperature depends on circuit design and certain heat dissipation conditions.
This should be double checked in a worst case operation mode.
In normal case, the max.standard operating temperature of +150 °C should not be exceeded.
For higher operating temperature conditions, please contact Panasonic representative in your area.
Standard Parts
ETQP5M2R5YFC
ETQP5M3R3YFC
ETQP5M4R7YFC
ETQP5M100YFC
ETQP5M220YFC
ETQP5M101YGC
● Inductance vs DC Current
Performance Characteristics (Reference)
Series
Part No.
Inductance ✽1
DCR (at 20 °C) (m )
Rated Current (Typ. : A)
L0
(µH)
Tolerance
(%)
Typ.
(max.)
Tolerance
(%)
T=40K
L=–30%
(2)
(3)
(4)
PCC-M1054M
[10.7 10.0 5.4(mm)]
ETQP5M2R5YFC
2.5
±20
5.3(5.9)
±10
15.1
18.1
27.2
ETQP5M3R3YFC
3.3
7.1(7.9)
13.1
15.7
22.7
ETQP5M4R7YFC
4.7
10.2(11.3)
10.9
13.1
20.0
ETQP5M100YFC
10
23.8(26.2)
7.1
8.5
10.7
ETQP5M220YFC
22
45(50)
5.2
6.2
6.7
PCC-M1050M
[10.7 10.0 5.0(mm)]
ETQP5M101YGC
97
±20
208(229)
±10
2.2
2.7
3.0
Mar. 2012
02


Similar Part No. - ETQP5M100YFC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP5M101YFC PANASONIC-ETQP5M101YFC Datasheet
107Kb / 4P
   Power Choke Coil for Automotive application
ETQP5M101YFK PANASONIC-ETQP5M101YFK Datasheet
107Kb / 4P
   Power Choke Coil for Automotive application
ETQP5M101YFM PANASONIC-ETQP5M101YFM Datasheet
107Kb / 4P
   Power Choke Coil for Automotive application
ETQP5M101YGC PANASONIC-ETQP5M101YGC Datasheet
107Kb / 4P
   Power Choke Coil for Automotive application
More results

Similar Description - ETQP5M100YFC

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ETQP5M4R7YFM PANASONIC-ETQP5M4R7YFM Datasheet
107Kb / 4P
   Power Choke Coil for Automotive application
logo
Murata Manufacturing Co...
LQH32CH1R0M23L MURATA-LQH32CH1R0M23L Datasheet
69Kb / 2P
   Chip Inductor for Automotive (Chip Coil for Automotive) Power Inductor (Wire Wound Type for Choke)
logo
Allied Components Inter...
ACM0422CI ALLIED-ACM0422CI Datasheet
4Mb / 1P
   Common mode choke for power application
logo
Panasonic Semiconductor
ETQP1H0R6BFA PANASONIC-ETQP1H0R6BFA Datasheet
120Kb / 2P
   Power Choke Coil
ETQP3LR33XFN PANASONIC-ETQP3LR33XFN Datasheet
481Kb / 3P
   Power Choke Coil
ETQP4LR36AFC PANASONIC-ETQP4LR36AFC Datasheet
66Kb / 2P
   Power Choke Coil
logo
KOA Speer Electronics, ...
SDS1205TTEB2R5M KOA-SDS1205TTEB2R5M Datasheet
325Kb / 5P
   power choke coil
logo
Panasonic Semiconductor
ETQ-P2H0R7BFA PANASONIC-ETQ-P2H0R7BFA Datasheet
77Kb / 2P
   Power Choke Coil
PCC-F126F PANASONIC-PCC-F126F Datasheet
220Kb / 2P
   Power Choke Coil
ETQP6F2R5BFA PANASONIC-ETQP6F2R5BFA Datasheet
524Kb / 2P
   Power Choke Coil
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com