Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMD15KPA280A Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # SMD15KPA280A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

SMD15KPA280A Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  SMD15KPA280A Datasheet HTML 1Page - MDE Semiconductor, Inc. SMD15KPA280A Datasheet HTML 2Page - MDE Semiconductor, Inc. SMD15KPA280A Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• RoHS Compliant E4
• Typical maximum temperature coefficient
VBR=0.1%xVBR@25 x T
• 15000W Peak Pulse Power
capability on 10/1000 µs waveform
• Excellent clamping capability
• Repetition rate (duty cycle):0.05%
• Low incremental surge resistance
• Fast response time: typically less
than 1.0 ps from 0 volts to BV
Bidirectional less than 10 ns
Dimensions in millimeters (inches)
• Silver plated lead
MECHANICAL DATA
Case: Epoxy powder over glass passivated junction
Terminals: Solderable per MIL-STD-750, Method 2026
Polarity: Color band denoted positive end (cathode)
except Bipolar
Mounting Position: Any
Weight: 0.033 ounce, 1.2 gram
Ratings at 25°C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
IFSM
400.0
Amps
TJ, TSTG
-55 to + 150
IPPM
DEVICES FOR BIPOLAR APPLICATIONS
SMD15KPA SERIES
For Bidirectional use C or CA Suffix for types SMD15KPA17A thru types SMD15KPA280A (e.g. SMD15KPA17CA, SMD15KPA130CA)
SEE TABLE 1
Peak Forward Surge Current,1/20 second / 25
(JEDEC Method)
Operatings and Storage Temperature Range
15000 Watt Peak Pulse Power
PPPM
Minimum
15000
Watts
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-17.0 TO 280 Volts
Peak Pulse Power Dissipation on 10/1000 µs
Peak Pulse Current of on 10/1000 µs waveform
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
MAXIMUM RATINGS AND CHARACTERISTICS
Electrical characteristics apply in both directions.
Amps
3/8/2012


Similar Part No. - SMD15KPA280A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
SMD15KPA280A MDE-SMD15KPA280A Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
More results

Similar Description - SMD15KPA280A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com