Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210C106M8RACTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C1210C106M8RACTU
Description  X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C106M8RACTU Datasheet(HTML) 4 Page - Kemet Corporation

  C1210C106M8RACTU Datasheet HTML 1Page - Kemet Corporation C1210C106M8RACTU Datasheet HTML 2Page - Kemet Corporation C1210C106M8RACTU Datasheet HTML 3Page - Kemet Corporation C1210C106M8RACTU Datasheet HTML 4Page - Kemet Corporation C1210C106M8RACTU Datasheet HTML 5Page - Kemet Corporation C1210C106M8RACTU Datasheet HTML 6Page - Kemet Corporation C1210C106M8RACTU Datasheet HTML 7Page - Kemet Corporation C1210C106M8RACTU Datasheet HTML 8Page - Kemet Corporation C1210C106M8RACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1002_X7R_SMD • 12/19/2013
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Dissipation Factor (DF) Limits Table
EIA Case
Size
Rated DC
Voltage
Capacitance
Dissipation
Factor
0402
< 16
All
5.0%
16/25
3.5%
> 25
2.5%
0603
< 16
< 1.0 uF
5.0%
16/25
3.5%
> 25
2.5%
< 16
≥1.0uF
10.0%
16/25
0805
< 16
≤2.2µF
5.0%
16/25
3.5%
> 25
< 1.0 µF
2.5%
< 16
> 2.2 µF
10.0%
16/25
> 25
≥1.0µF
1206
< 16
< 10 µF
5.0%
16/25
3.5%
> 25
2.5%
< 16
≥10µF
10.0%
16/25
1210
< 16
< 22 µF
5.0%
16/25
3.5%
> 25
2.5%
< 16
≥22µF
10.0%
16/25
1812 – 2225
< 16
All
5.0%
16/25
3.5%
> 25
2.5%


Similar Part No. - C1210C106M8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C106M8RACTU KEMET-C1210C106M8RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
More results

Similar Description - C1210C106M8RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com