Electronic Components Datasheet Search |
|
PTV111-4420A-A1502 Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
PTV111-4420A-A1502 Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 3 page Features ■ Carbon element ■ Insulated shaft ■ Snap-in clip ■ Center detent ■ Center tap option ■ Assorted pin layouts ■ Dual gang option ■ Various taper options PTV/PTT Series - 12 mm Potentiometer *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Electrical Characteristics Taper.................................... Linear, audio Standard Resistance Range ....................... 1 K ohms to 1 M ohms Standard Resistance Tolerance.....±20 % Residual Resistance ................. 1 % max. Environmental Characteristics Operating Temperature .................................-10 °C to +50 °C Power Rating ............................ 0.05 Watt Maximum Operating Voltage ............................... 50 V AC, 20 V DC Sliding Noise ...................... 100 mV max. Mechanical Characteristics Mechanical Angle .....................300 ° ±5 ° Rotational Torque ............ 20 to 200 g-cm Detent Torque .................. 30 to 300 g-cm Stop Strength no bushing .................... 3 kg-cm min. with bushing.................. 3 kg-cm min. Rotational Life ................... 15,000 cycles Soldering Condition ............300 °C max. within 3 seconds Hardware ................. One flat washer and mounting nut supplied per potentiometer with bushing Product Dimensions DIMENSIONS: MM (INCHES) Electrical Diagrams 12 3 MODEL PTV 111 MODEL PTV 112 MODEL PTT 111 DUMMY 4 12 3 4 21 1 2 3 3 PTV111-2 L F 30 ° DIA. HOLES 4 PLCS. RECOMMENDED PCB LAYOUT SHAFT SHOWN IN CCW POSITION 4.5 (.177 ) +0 -0.019 +0 -0.5 6.0 (.236 ) +0 -0.019 +0 -0.5 0.5 (.019) 2.6 (.102) 10.0 (.393) 2.0 (.078) 6.1 (.240) 3.5 (.137) 8.1 (.318) 0.5 (.019) 1.5 (.059) 1.6 (.062) 9.4 (.370) 6.7 (.263) 11.0 (.433) 1.0 +0.2 -0.0 (.039 ) +0.007 -0.0 3.3 (.129) 7.5 (.295) 2.5 (.098) 2.1 +0.1 -0.0 (.082 ) +0.003 -0.0 12.0 (.472) 0.8 +0.1 -0.1 (.031 ) +0.003 -0.003 1 2 3 4 10.2 (.401) 2.0 +0.1 -0.0 (.078 ) +0.003 -0.0 4.0 (.157) PTV111-4 RECOMMENDED PCB LAYOUT SHAFT SHOWN IN CCW POSITION 3.5 (.137) 2.0 ± 0.15 (.078 ± .005) L F 4.5 (.177 ) +0 -0.019 +0 -0.5 6.0 (.236 ) +0 -0.019 +0 -0.5 0.5 (.019) 0.5 (.019) 1.5 (.059) 30 ° 6.7 (.263) 11.0 (.433) 12.0 (.472) 8.5 (.334) 10.0 (.393) 11.0 (.433) 3.8 (.150) TERMINAL DETAIL 0.8 +0.1 -0.1 (.031 ) +0.003 -0.003 DIA. HOLES 4 PLCS. 1.0 +0.2 -0.0 (.039 ) +0.007 -0.0 7.5 (.295) 2.5 (.098) 2.1 +0.1 -0.0 (.082 ) +0.003 -0.0 1 2 3 4 13.6 (.535) 2.0 -0.0 (.078 ) +0.003 -0.0 11.0 (.433) Dimensions Without Bushing L 15 (.591) 20 (.787) 22.5 (.886) 25 (.984) 27.5 (1.083) F 4.5 (.177) 7 (.276) 7 (.276) 12 (.472) 12 (.472) |
Similar Part No. - PTV111-4420A-A1502 |
|
Similar Description - PTV111-4420A-A1502 |