Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAS6180 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAS6180
Description  CMOS QVGA DIGITAL IMAGE SENSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS6180 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAS6180 Datasheet HTML 1Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 2Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 3Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 4Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 5Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 6Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 7Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 8Page - Pixart Imaging Inc. PAS6180 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PAS6180 Specification
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
1
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, 2011/05/12
PAS6180 CMOS QVGA DIGITAL IMAGE SENSOR
General Description
The PAS6180 is a highly integrated CMOS active-pixel image sensor that has output of 240 x 320 pixels. It
embedded the new FinePixel™ sensor technology to perform the excellent image quality. PAS6180 outputs
YUV/YCrCb 4:2:2 or RGB565/555/444 data through the serial data bus. It is available in CSP-16L package.
The PAS6180 can be programmed to set the exposure time for different luminance condition via I2CTM serial
control bus. By programming the internal register set, it performs on-chip frame rate adjustment, offset correction
DAC and programmable gain control.
Key Specification
Resolution
240 (H) x 320 (V)
Pixel Size
3.15um * 3.15um
Array diagonal
1/13” Lens
Lens Chief Ray Angle
23 degree
Color filter
RGB Bayer Pattern
Power
2.8V typical
Input clock
52MHz
Output clock
52MHz
Max. Frame rate
30fps
Scan Mode
Progressive
Exposure Time
~ Frame time to Line time
Sensitivity
1500mV/Lux-Sec
S/N Ratio
41dB
Dynamic range
60dB
Features
Resolution: 240 x 320 pixels, 1/13” Lens
Bayer-RGB color filter array
Output format:
YUV/YCrCb 4:2:2
RGB565/555/444
I2CTM Interface
Power dissipation: operating typical TBD
@ 2.8V (QVGA YUV 30fps output,
without loading), power-down typical
TBD @ 2.8V
Automatic Background Compensation
DSP function:
AEC & AGC
AWB
Gamma
Color matrix
Sharpness
De-noise
Color saturation
Defect compensation
Lens shading compensation
Decimation and Scaler
WOI & Sub-sampling
Module size : 5.0mm * 5.0mm
Package
CSP-16L


Similar Part No. - PAS6180

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PAS614L-VL3 TAIYO-YUDEN-PAS614L-VL3 Datasheet
147Kb / 1P
   Coin Type Polyacene Capacitors
logo
Pixart Imaging Inc.
PAS6167 PIXART-PAS6167 Datasheet
439Kb / 19P
   CMOS QCIF DIGITAL IMAGE SENSOR
More results

Similar Description - PAS6180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM205B ETC1-ICM205B Datasheet
589Kb / 41P
   VGA/QVGA CMOS image sensor with digital YUV output
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com