Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX-4S Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # GX-4S
Description  Cylindrical Compact Inductive Proximity Sensor GX SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GX-4S Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button GX-4S Datasheet HTML 2Page - Panasonic Semiconductor GX-4S Datasheet HTML 3Page - Panasonic Semiconductor GX-4S Datasheet HTML 4Page - Panasonic Semiconductor GX-4S Datasheet HTML 5Page - Panasonic Semiconductor GX-4S Datasheet HTML 6Page - Panasonic Semiconductor GX-4S Datasheet HTML 7Page - Panasonic Semiconductor GX-4S Datasheet HTML 8Page - Panasonic Semiconductor GX-4S Datasheet HTML 9Page - Panasonic Semiconductor GX-4S Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Cylindrical Compact Inductive Proximity Sensor
GX SERIES
816
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
ENDOSCOPE
LASER
MARKERS
PLC /
TERMINALS
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Amplifier-
separated
GX-F/H
GXL
GL
GX-U/GX-FU/
GX-N
GX
I/O CIRCUIT AND WIRING DIAGRAMS
GX-5S□ GX-8M□ GX-8ML□
Wiring diagram
I/O circuit diagram
Users’ circuit
Internal circuit
D
Color code
200 mA max. (Note)
ZD
Tr
Load
(Blue) 0 V
(Black) Output
(Brown) +V
10 to 30 V DC
+
Brown
Blue
Black
Load
10 to 30 V DC
+
Note: The maximum sink current varies depending on the ambient
temperature.
200
100
0
–25
–13
+55
+131
+70
+158
Ambient temperature (°C °F)
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : NPN output transistor
• If a capacitor of 1 µF or more is connected between 0 V and
output or between +V and output, connect a 100 Ω resistor in
series as shown below.
Users’ circuit
Internal circuit
(Brown) +V
(Black) Output
(Blue) 0 V
+V
Signal
0 V
100
1 F or more
1 F or more
Without the resistor, the short-
circuit protection is activated by
the charge or discharge current
of the capacitor, so that it
results in delaying the response
whenever the sensor switches.
The connected resistor solves
this problem.
GX-3S□ GX-4S□ GX-5M□
Wiring diagram
I/O circuit diagram
Tr
ZD
D
Color code
50mA max.
Load
(Blue) 0 V
(Black) Output (Note)
(Brown) +V
12 to 24 V DC
±10 %
+
Users’ circuit
Internal circuit
Brown
Blue
Black
Load
12 to 24 V DC
±10 %
+
Note:
GX-3S□, GX-4S□ and GX-5M□ do not incorporate a short-circuit
protection circuit at the output. Do not connect them directly to a
power supply or a capacitive load.
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : NPN output transistor


Similar Part No. - GX-4S

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
GX-410VC AMD-GX-410VC Datasheet
345Kb / 3P
   1st and 2nd Generation AMD Embedded G-Series System-on-Chip (SOC)
GX-411GA AMD-GX-411GA Datasheet
345Kb / 3P
   1st and 2nd Generation AMD Embedded G-Series System-on-Chip (SOC)
GX-412HC AMD-GX-412HC Datasheet
345Kb / 3P
   1st and 2nd Generation AMD Embedded G-Series System-on-Chip (SOC)
GX-412TC AMD-GX-412TC Datasheet
345Kb / 3P
   1st and 2nd Generation AMD Embedded G-Series System-on-Chip (SOC)
GX-415GA AMD-GX-415GA Datasheet
345Kb / 3P
   1st and 2nd Generation AMD Embedded G-Series System-on-Chip (SOC)
More results

Similar Description - GX-4S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
   Compact Inductive Proximity Sensor
logo
List of Unclassifed Man...
GX-5SU ETC2-GX-5SU Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com