Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GX-3SB Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # GX-3SB
Description  Cylindrical Compact Inductive Proximity Sensor GX SERIES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GX-3SB Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button GX-3SB Datasheet HTML 2Page - Panasonic Semiconductor GX-3SB Datasheet HTML 3Page - Panasonic Semiconductor GX-3SB Datasheet HTML 4Page - Panasonic Semiconductor GX-3SB Datasheet HTML 5Page - Panasonic Semiconductor GX-3SB Datasheet HTML 6Page - Panasonic Semiconductor GX-3SB Datasheet HTML 7Page - Panasonic Semiconductor GX-3SB Datasheet HTML 8Page - Panasonic Semiconductor GX-3SB Datasheet HTML 9Page - Panasonic Semiconductor GX-3SB Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
817 CylindricalCompactInductiveProximitySensorGXSERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
ENDOSCOPE
LASER
MARKERS
PLC /
TERMINALS
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Selection
Guide
Amplifier
Built-in
Amplifier-
separated
GX-F/H
GXL
GL
GX-U/GX-FU/
GX-N
GX
GX-3S□ GX-4S□ GX-5M□
Standard sensing object
Iron sheet 5 × 5 × t 1 mm
0.197 × 0.197 × t 0.039 in
L
4
0.157
4
0.157
2
0.079
2
0.079
0
0
Operating point (mm in)
Left
Right
Center
1
0.039
2
0.079
Sensing field
Correlation between sensing object size and sensing range
t 1 mm
t 0.039 in
Iron sheet
a × a mm a × a in
L
5
0.197
0
10
0.394
15
0.591
20
0.787
Sensing object side
length a (mm in)
1
0.039
2
0.079
As the sensing object size becomes smaller than
the standard size (iron sheet 5 × 5 × t 1 mm
0.197 × 0.197 × t 0.039 in), the sensing range
shortens as shown in the left figure.
GX-5S□
Sensing field
Correlation between sensing object size and sensing range
L
1
0.039
2
0.079
4
0.157
4
0.157
2
0.079
02
0.079
Operating point (mm in)
Left
Right
Center
Standard sensing object
Iron sheet
6 × 6 × t 1 mm
0.236 × 0.236 × t 0.039 in
0
t 1 mm
t 0.039 in
Iron sheet
a × a mm a × a in
5
0.197
0
10
0.394
15
0.591
20
0.787
Sensing object side
length a (mm in)
1
0.039
2
0.079
As the sensing object size becomes smaller than
the standard size (iron sheet 6 × 6 × t 1 mm
0.236 × 0.236 × t 0.039 in), the sensing range
shortens as shown in the left figure.
GX-8M□
Sensing field
Correlation between sensing object size and sensing range
L
1
0.039
2
0.079
4
0.157
4
0.157
2
0.079
02
0.079
Operating point (mm in)
Left
Right
Center
Standard sensing object
Iron sheet
8 × 8 × t 1 mm
0.315 × 0.315 × t 0.039 in
0
t 1 mm
t 0.039 in
Iron sheet
a × a mm a × a in
L
5
0.197
0
10
0.394
15
0.591
20
0.787
Sensing object side
length a (mm in)
1
0.039
2
0.079
As the sensing object size becomes smaller than
the standard size (iron sheet 8 × 8 × t 1 mm
0.315 × 0.315 × t 0.039 in), the sensing range
shortens as shown in the left figure.
GX-8ML□
L
1
0.039
2
0.079
4
0.157
4
0.157
2
0.079
02
0.079
Operating point (mm in)
Left
Right
Center
Standard sensing object Iron sheet
12 × 12 × t 1 mm 0.472 × 0.472 × t 0.039 in
0
Sensing field
Correlation between sensing object size and sensing range
t 1 mm
t 0.039 in
Iron sheet
a × a mm a × a in
L
10
0.394
0
20
0.787
30
1.181
40
1.575
Sensing object side
length a (mm in)
1
0.039
2
0.079
As the sensing object size becomes smaller than
the standard size (iron sheet 12 × 12 × t 1 mm
0.472 × 0.472 × t 0.039 in), the sensing range
shortens as shown in the left figure.
SENSING CHARACTERISTICS (TYPICAL)


Similar Part No. - GX-3SB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GX-30MLU ETC2-GX-30MLU Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
GX-30MLUB ETC2-GX-30MLUB Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
GX-30MU ETC2-GX-30MU Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
GX-30MUB ETC2-GX-30MUB Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
More results

Similar Description - GX-3SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GX-MK12A-P PANASONIC-GX-MK12A-P Datasheet
466Kb / 8P
   Cylindrical Inductive Proximity Sensor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
   Compact Inductive Proximity Sensor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
   Compact Inductive Proximity Sensor
logo
List of Unclassifed Man...
GX-5SU ETC2-GX-5SU Datasheet
803Kb / 16P
   Cylindrical Inductive Proximity Sensor Amplifier Built-in
logo
Omron Electronics LLC
E2EX5ME1 OMRON-E2EX5ME1 Datasheet
600Kb / 48P
   Cylindrical Proximity Sensor
E2A-M12KS04 OMRON-E2A-M12KS04 Datasheet
565Kb / 17P
   Cylindrical Proximity Sensor
E2E-CR8C2 OMRON-E2E-CR8C2 Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-C1R5E1 OMRON-E2EL-C1R5E1 Datasheet
372Kb / 16P
   Cylindrical Proximity Sensor
E2E-X4MD1-M3G OMRON-E2E-X4MD1-M3G Datasheet
1Mb / 48P
   Cylindrical Proximity Sensor
E2EL-1R5E12M OMRON-E2EL-1R5E12M Datasheet
179Kb / 12P
   Cylindrical Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com