Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAW050A1 Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # JAW050A1
Description  JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

JAW050A1 Datasheet(HTML) 5 Page - Lineage Power Corporation

  JAW050A1 Datasheet HTML 1Page - Lineage Power Corporation JAW050A1 Datasheet HTML 2Page - Lineage Power Corporation JAW050A1 Datasheet HTML 3Page - Lineage Power Corporation JAW050A1 Datasheet HTML 4Page - Lineage Power Corporation JAW050A1 Datasheet HTML 5Page - Lineage Power Corporation JAW050A1 Datasheet HTML 6Page - Lineage Power Corporation JAW050A1 Datasheet HTML 7Page - Lineage Power Corporation JAW050A1 Datasheet HTML 8Page - Lineage Power Corporation JAW050A1 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
April 2008
Lineage Power
5
36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
JAW050A and JAW075A Power Modules; dc-dc Converters:
Characteristic Curves
The following figures provide typical characteristics for the power modules. The figures are identical for both on/off
configurations.
8-3327(F)
Figure 1. Typical JAW050A Input Characteristics at
Room Temperature
8-3328(F)
Figure 2. Typical JAW075A Input Characteristics at
Room Temperature
8-3329(F)
Figure 3. Typical JAW050A Efficiency vs. Output
Current at Room Temperature
8-3330(F)
Figure 4. Typical JAW075A Efficiency vs. Output
Current at Room Temperature
1.4
1.2
0
INPUT VOLTAGE, VI (V)
10
20
30
40
50
60
70 75
1.0
0.8
0.6
0.4
0.2
0.0
5
1525
3545
5565
1.6
1.8
IO = 10 A
IO = 5 A
IO = 0.5 A
3.0
2.5
0
INPUT VOLTAGE, VI (V)
10
20
30
40
50
60
70 75
2.0
1.5
1.0
0.5
0.0
5
1525
3545
5565
IO = 15 A
IO = 7.5 A
IO = 1.5 A
82
81
3
OUTPUT CURRENT, IO (A)
579
80
79
78
77
76
75
468
10
83
84
74
VI = 75 V
VI = 55 V
VI = 36 V
83
82
3
OUTPUT CURRENT, IO (A)
579
81
80
79
78
77
76
468
10
84
85
75
11 12 13 14 15
VI = 75 V
VI = 55 V
VI = 36 V


Similar Part No. - JAW050A1

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
More results

Similar Description - JAW050A1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
LAW005A LINEAGEPOWER-LAW005A Datasheet
358Kb / 8P
   LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
logo
Astec America, Inc
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
Tyco Electronics
JFC050C MACOM-JFC050C Datasheet
378Kb / 20P
   dc-dc Converters; 18 to 36 Vdc Input; 15 Vdc Output; 50 W to 100 W
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com