Electronic Components Datasheet Search |
|
PTD901-1015K-B102 Datasheet(PDF) 3 Page - Bourns Electronic Solutions |
|
PTD901-1015K-B102 Datasheet(HTML) 3 Page - Bourns Electronic Solutions |
3 / 3 page Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. PTD90 Series - 9 mm Multi-Ganged Potentiometer Product Dimensions REV. 01/14 DIMENSIONS: MM (INCHES) SHAFT STYLE "K" A B 18 TEETH KNURL 1.0 (.039) 6.0 +0/-0.1 (.236 +0/-.004) DIA. L ± 15 (.591) L 1.5 (.059) 0.5 (.020) 20 (.787) 25 (.984) 5 (.197) B 7 (.276) 10 (.394) 6 (.236) A 10 (.394) 12 (.472) 30 ° 9.5 ± 0.3 (.374 ± .012) 6.0 (.236) 4.8 ± 0.3 (.189 ± .012) 6.5 ± 0.3 (.256 ± .012) 3.5 (.138) 0.8 (.031) 5.0 (.197) 0.8 (.031) 2.0 (.079) SHAFT SHOWN IN CCW POSITION SHAFT STYLE "F" B 4.5 (.177) 6.0 +0/-0.1 (.236 +0/-.004) DIA. F L ± 0.5 (.020) 15 (.591) L 20 (.787) 25 (.984) 5 (.197) B 7 (.276) 10 (.394) 7 (.276) F 12 (.472) 12 (.472) 9.5 ± 0.3 (.374 ± .012) 6.0 (.236) 4.8 ± 0.3 (.189 ± .012) 6.5 ± 0.3 (.256 ± .012) 3.5 (.138) 0.8 (.031) 5.0 (.197) 0.8 (.031) 2.0 (.079) SHAFT SHOWN IN CCW POSITION 60 ° 4.5 (.177) How To Order PTD90 1 - 2 0 20 K - B 203 Model • PTD90 = No Switch No. of Sections • 1 = 1 Section • 2 = 2 Sections • 3 = 3 Sections • 4 = 4 Sections • 5 = 5 Sections • 6 = 6 Sections • 8 = 8 Sections Pin Style • 1 = PC Pins vertical/ down facing and ±10 % Total Resistance Tolerance • 2 = PC Pins vertical/ down facing and ±20 % Total Resistance Tolerance Center Detent Option • 0 = No Detent • 2 = Center Detent Standard Shaft Length • 15 = 15 mm • 20 = 20 mm • 25 = 25 mm Shaft Styles • K = Knurled Type Shaft (Metal) 18 Toothed Serration Type • F = Flatted Metal Shaft Resistance Taper (See Taper Charts) Taper Series followed by Curve Number Resistance Code (See Table) Other shaft styles available. 010 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 A Series Tapers Rotational Travel (%) (05A): A1 (10A): A (15A): A3 (20 A): A4 (25 A): A5 (30A ): A 6 010 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 B Series Tapers Rotational Travel (%) 010 10 20 20 30 30 40 40 50 50 60 60 70 70 80 80 90 90 100 100 C Series Tapers Rotational Travel (%) (30C ): C6 (05 C): C1 (10 C): C (15 C): C3 (25 C): C5 (20 C): C4 Tapers |
Similar Part No. - PTD901-1015K-B102 |
|
Similar Description - PTD901-1015K-B102 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |