Electronic Components Datasheet Search |
|
W40S11-23 Datasheet(PDF) 8 Page - Cypress Semiconductor |
|
W40S11-23 Datasheet(HTML) 8 Page - Cypress Semiconductor |
8 / 11 page W40S11-23 8 Document #: 38-00793-*B AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±5% (Lump Capacitance Test Load = 30 pF) Parameter Description Test Condition Min Typ Max Unit fIN Input Frequency 0 133 MHz tR Output Rise Edge Rate Measured from 0.4V to 2.4V 1.5 4.0 V/ns tF Output Fall Edge Rate Measured from 2.4V to 0.4V 1.5 4.0 V/ns tSR Output Skew, Rising Edges 250 ps tSF Output Skew, Falling Edges 250 ps tEN Output Enable Time 1.0 8.0 ns tDIS Output Disable Time 1.0 8.0 ns tPR Rising Edge Propagation Delay 1.0 5.0 ns tPF Falling Edge Propagation Delay 1.0 5.0 ns tD Duty Cycle Measured at 1.5V 45 55 % Zo AC Output Impedance 15 Ω tPR Rising Edge Propagation Delay 1.0 5.0 ns Ordering Information Ordering Code Freq. Mask Code Package Name Package Type W40S11 -23 G X H 28-pin SOIC (300 mils) 28-pin TSSOP (173 mil) 28-pin SSOP (209 mil) [+] Feedback |
Similar Part No. - W40S11-23 |
|
Similar Description - W40S11-23 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |