Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2202E70RP Datasheet(PDF) 6 Page - Littelfuse

Part # K2202E70RP
Description  Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2202E70RP Datasheet(HTML) 6 Page - Littelfuse

Back Button K2202E70RP Datasheet HTML 2Page - Littelfuse K2202E70RP Datasheet HTML 3Page - Littelfuse K2202E70RP Datasheet HTML 4Page - Littelfuse K2202E70RP Datasheet HTML 5Page - Littelfuse K2202E70RP Datasheet HTML 6Page - Littelfuse K2202E70RP Datasheet HTML 7Page - Littelfuse K2202E70RP Datasheet HTML 8Page - Littelfuse K2202E70RP Datasheet HTML 9Page - Littelfuse K2202E70RP Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Revised: December 9, 2011 01:32 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Soldering Parameters
Reflow Condition
Pb – Free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
60 – 180 secs
Average ramp up rate (LiquidusTemp)
(T
L) to peak
5°C/second max
T
S(max) to TL - Ramp-up Rate
5°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
5°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
Preheat
Preheat
Ramp-up
Ramp-up
Ramp-down
Ramp-do
Physical Specifications
Reliability/Environmental Tests
Test
Specifications and Conditions
High Temperature
Voltage Blocking
MIL-STD-750: Method 1040, Condition
A Rated V
DRM (VAC-peak), 125°C, 1008
hours
Temperature Cycling
MIL-STD-750: Method 1051
-40°C to 150°C, 15-minute dwell, 100
cycles
Biased Temperature &
Humidity
EIA/JEDEC: JESD22-A101
80% min V
BO (VDC), 85°C, 85%RH, 1008
hours
High Temp Storage
MIL-STD-750: Method 1031
150°C, 1008 hours
Low-Temp Storage
-40°C, 1008 hours
Thermal Shock
MIL-STD-750: Method 1056
0°C to 100°C, 5-minute dwell,
10-second transfer, 10 cycles
Autoclave
(Pressure Cooker Test)
EIA/JEDEC: JESD22-A102
121°C, 100%RH, 2atm, 168 hours
Resistance to
Solder Heat
MIL-STD-750: Method 2031
260°C, 10 seconds
Solderability
ANSI/J-STD-002: Category 3
Lead Bend
MIL-STD-750: Method 2036, Condition E
Terminal Finish
100% Matte Tin Plated / Pb-free Solder
Dipped
Body Material
UL recognized epoxy meeting flammability
classification 94V-0
Lead Material
Copper Alloy
Design Considerations
Careful selection of the correct device for the application’s
operating parameters and environment will go a long
way toward extending the operating life of the Thyristor.
Overheating and surge currents are the main killers of
SIDACs. Correct mounting, soldering, and forming of the
leads also help protect against component damage.


Similar Part No. - K2202E70RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2202Y LITTELFUSE-K2202Y Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
K2202Y LITTELFUSE-K2202Y Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K2202E70RP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com