Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1812C106K3RACTU Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1812C106K3RACTU
Description  X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1812C106K3RACTU Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1812C106K3RACTU Datasheet HTML 2Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 3Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 4Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 5Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 6Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 7Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 8Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 9Page - Kemet Corporation C1812C106K3RACTU Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1002_X7R_SMD • 12/19/2013
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) – X7R Dielectric, 6.3 – 250 VDC (Commercial Grade)
Table 1A – Capacitance Range/Selection Waterfall (0402 – 1206 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
**Capacitance range Includes E12 decade values only. (i.e., 10, 12, 15, 18, 22, 27, 33, 39, 47, 56, 68 and 82)
xx1 Available only in K, M tolerance.
xx2 Available only in M tolerance.
Cap
Cap
Code
Cap Size
/ Series
C0402C
C0603C
C0805C
C1206C
Voltage Code 9
8
4
3
5
9
8
4
3
5
1
2
9
8
4
3
6
5
1
2 A
9
8
4
3
6
5
1
2 A
Rated Voltage
(VDC)
Cap Tolerance
Product Availability and Chip Thickness Codes – See Table 2 for Chip Thickness Dimensions
10 - 91 pF*
100 - 910*
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC
EB EB EB EB EB EB EB EB
100 - 150 pF** 101 - 151**
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC
EB EB EB EB EB EB EB EB
180 - 820 pF** 181 - 821**
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB
1000pF
102
J
K
M BB BB BB BB BB CB CB CB CB CF CB CF DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
1200 pF
122
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
1500 pF
152
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
1800 pF
182
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
2200 pF
222
J
K
M BB BB BB BB BB CB CB CB CB CF CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
2700 pF
272
J
K
M BB BB BB BB BB CB CB CB CB CB CF CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
3300 pF
332
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
3900 pF
392
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
4700 pF
472
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
5600 pF
562
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
6800 pF
682
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
8200 pF
822
J
K
M BB BB BB BB BB CB CB CB CB CB CB CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
10000 pF
103
J
K
M BB BB BB BB BB CB CB CB CB CF CF CB DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
12000 pF
123
J
K
M BB BB BB BB BB CB CB CB CB CB CB
DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
15000 pF
153
J
K
M BB BB BB BB BB CB CB CB CB CB CB
DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
18000 pF
183
J
K
M BB BB BB BB BB CB CB CB CB CB CB
DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
22000 pF
223
J
K
M BB BB BB BB BB CB CB CB CB CF CF
DC DC DC DC DC DC DC DC DC EB EB EB EB EB EB EB EB EB
27000 pF
273
J
K
M BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC DD DE
EB EB EB EB EB EB EB EB EB
33000 pF
333
J
K
M BB BB BB BB
CB CB CB CF CB CB
DC DC DC DC DC DC DD DE
EB EB EB EB EB EB EB EB EB
39000 pF
393
J
K
M BB BB BB BB
CB CB CB CB CB CB
DC DC DC DC DC DC DD DE
EB EB EB EB EB EB EC EB EB
47000 pF
473
J
K
M BB BB BB BB
CB CB CB CB CF CB
DC DC DC DC DC DC DE DG
EB EB EB EB EB EB EC ED ED
56000 pF
563
J
K
M BB BB BB
CB CB CB CB CB
DD DD DD DD DD DD DE DG
EB EB EB EB EB EB EB ED ED
68000 pF
683
J
K
M BB BB BB
CB CB CB CB CF
DD DD DD DD DD DD DE
EB EB EB EB EB EB EB ED ED
82000 pF
823
J
K
M BB BB BB
CB CB CB CB CB
DD DD DD DD DD DD DE
EB EB EB EB EB EB EB ED ED
0.1 µF
104
J
K
M BB BB BB
CB CB CF CB CF
DC DC DC DC DC DC DE
EB EB EB EB EB EB EB EM EM
0.12 µF
124
J
K
M
CB CB CB CB CB
DC DC DC DC DD DD DG
EC EC EC EC EC EC EC EG
0.15 µF
154
J
K
M
CB CB CB CB CB
DC DC DC DC DD DD DG
EC EC EC EC EC EC EC EG
0.18 µF
184
J
K
M
CB CB CB CB
DC DC DC DC DG DG DG
EC EC EC EC EC EC EC
0.22 µF
224
J
K
M
CB CB CB CB
DC DC DC DC DG DG DG
EC EC EC EC EC EC EC
0.27 µF
274
J
K
M
CB CB CB
DD DD DD DD DD DD
EB EB EB EB EC EC EM
0.33 µF
334
J
K
M
CB CB CB
DG DG DG DG DD DD
EB EB EB EB EC EC EG
0.39 µF
394
J
K
M
CB CB CB
DG DG DG DG DE DE
EB EB EB EB EC EC EG
0.47 µF
474
J
K
M
CB CB CB
DG DG DG DG DE DE
EC EC EC EC EC EC EG
0.56 µF
564
J
K
M
DD DD DD DG DH DH
ED ED ED ED EC EC
0.68 µF
684
J
K
M
DD DD DD DG DH DH
EE EE EE EE ED ED
0.82 µF
824
J
K
M
DD DD DD DG
EF EF EF EF ED ED
1 µF
105
J
K
M
CC¹ CC¹ CC¹ CD¹
DD DD DD DG DG¹ DG¹
EF EF EF EH ED ED
1.2 µF
125
J
K
M
DE DE DE
ED ED ED EG EH EH
1.5 µF
155
J
K
M
DG DG DG
ED ED ED EG EH EH
1.8 µF
185
J
K
M
DG DG DG
ED ED ED EF EH EH
2.2 µF
225
J
K
M
DG DG DG
ED ED ED EF EH EH
2.7 µF
275
J
K
M
EN EN EN EH
3.3 µF
335
J
K
M
ED ED ED EH
3.9 µF
395
J
K
M
EF EF EF EH
4.7 µF
475
J
K
M
DG¹ DG¹ DG¹
EF EF EF EH
5.6 µF
565
J
K
M
EH EH EH
6.8 µF
685
J
K
M
EH EH EH
8.2 µF
825
J
K
M
EH EH EH
10 µF
106
J
K
M
DG¹ DG¹
EH EH EH EH¹
22 µF
226
J
K
M
EH² EH²
Cap
Cap Code
Rated Voltage
(VDC)
Voltage Code 9
8
4
3
5
9
8
4
3
5
1
2
9
8
4
3
6
5
1
2 A
9
8
4
3
6
5
1
2 A
Case Size /
Series
C0402C
C0603C
C0805C
C1206C
C
1206
C
106
M
4
R
A
C
TU
Ceramic Case Size
(L"xW")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Dielectric
Failure Rate/
Design
TerminationFinish Packaging/Grade
(C-Spec)
0402
0603
0805
1206
1210
1808
1812
1825
2220
2225
C = Standard
2Significant
Digits + Number
of Zeros
J = ±5%
K = ±10%
M = ±20%
9 = 6.3 V
8 = 10 V
4 = 16 V
3 = 25 V
6 = 35 V
5 = 50 V
1 = 100 V
2 = 200 V
A = 250 V
R = X7R
A = N/A
C = 100% Matte Sn Blank = Bulk
TU=7"Reel
Unmarked
TM=7"Reel
Marked
Roll Over for
Order Info.


Similar Part No. - C1812C106K3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1812C106K3RACTU KEMET-C1812C106K3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1812C106K3RACTU KEMET-C1812C106K3RACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 10 uF, 10%, 25 V, 1812, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1812C106K3RACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1206C106M4RACTU KEMET-C1206C106M4RACTU_17 Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805S104K5RACTU KEMET-C0805S104K5RACTU Datasheet
2Mb / 22P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C0805S472J2RACTU KEMET-C0805S472J2RACTU Datasheet
3Mb / 21P
   Floating Electrode Design (FE-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220C106M5R2C7186 KEMET-C2220C106M5R2C7186 Datasheet
3Mb / 17P
   KPS Series, X7R Dielectric, 10 - 250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com