Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1400G70AP Datasheet(PDF) 2 Page - Littelfuse

Part # K1400G70AP
Description  Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K1400G70AP Datasheet(HTML) 2 Page - Littelfuse

  K1400G70AP Datasheet HTML 1Page - Littelfuse K1400G70AP Datasheet HTML 2Page - Littelfuse K1400G70AP Datasheet HTML 3Page - Littelfuse K1400G70AP Datasheet HTML 4Page - Littelfuse K1400G70AP Datasheet HTML 5Page - Littelfuse K1400G70AP Datasheet HTML 6Page - Littelfuse K1400G70AP Datasheet HTML 7Page - Littelfuse K1400G70AP Datasheet HTML 8Page - Littelfuse K1400G70AP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Revised: December 9, 2011 01:32 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Electrical Specifications (T
J = 25°C, unless otherwise specified)
Symbol
Parameters
Test Conditions
Min
Max
Unit
I
T(RMS)
On-state RMS Current
50/60Hz, T
J < 125°C
1
A
I
DRM
Repetitive Peak Off-state Current
V = V
DRM
50/60Hz Sine Wave
5
μA
V
TM
Peak On-state Voltage
I
T = 1A
Kxxx0y
1.5
V
Kxxx2y
3.0
I
H
Dynamic Holding Current
R
L = 100Ω
50/60Hz Sine Wave
150
mA
R
S
(V
BO – VS)
Switching Resistance, R
S=
________
(I
S – IBO)
50/60Hz Sine Wave
100
Ω
I
BO
Breakover Current
50/60Hz Sine Wave
10
μA
I
TRM
Peak Repetitive Pulse Current (refer to figure 4)
t
p = 10μs
60Hz
80
A
5Hz
160
I
TSM
Peak Non-repetitive Surge Current
(refer to figure 5)
Single Cycle
60Hz
20
A
50Hz
16.7
di/dt
Critical Rate of Rise of On-state Current
150
A/μs
dv/dt
Critical Rate of Rise of Off-state Voltage
1500
V/μs
T
S
Storage Temperature Range
-40
150
°C
T
J
Junction Temperature Range
-40
125
°C
R
θJL
Thermal Resistance, Junction to Lead
DO-15
18
°C/W
DO-214 (1)
30
R
θJC
Thermal Resistance, Junction to Case
TO-92
35
°C/W
R
θJA
Thermal Resistance, Junction to Ambient
DO-15
75
°C/W
TO-92
95
Notes: xxx = voltage, z = circuit function, y = package
(1) Mounted on 1 cm2 copper foil surface; two-ounce copper foil


Similar Part No. - K1400G70AP

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K1400G TECCOR-K1400G Datasheet
269Kb / 6P
   silicon bilateral voltage triggered switch
K1400G TECCOR-K1400G Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Galaxy Semi-Conductor H...
K1400G BILIN-K1400G Datasheet
322Kb / 5P
   SIDAC
logo
Shanghai Shunye Electro...
K1400G SY-K1400G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
logo
UN Semiconducctor INC
K1400G UNSEMI-K1400G Datasheet
3Mb / 5P
   Sidac
Revision March 1,2022
More results

Similar Description - K1400G70AP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K1050SRP LITTELFUSE-K1050SRP Datasheet
431Kb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com