Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2363PFBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2363PFBR
Description  PCIExpress Server Dual Slot Hot Plug Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2363PFBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2363PFBR Datasheet HTML 5Page - Texas Instruments TPS2363PFBR Datasheet HTML 6Page - Texas Instruments TPS2363PFBR Datasheet HTML 7Page - Texas Instruments TPS2363PFBR Datasheet HTML 8Page - Texas Instruments TPS2363PFBR Datasheet HTML 9Page - Texas Instruments TPS2363PFBR Datasheet HTML 10Page - Texas Instruments TPS2363PFBR Datasheet HTML 11Page - Texas Instruments TPS2363PFBR Datasheet HTML 12Page - Texas Instruments TPS2363PFBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
+
+
+
+
+
+
9V
50 mV
2.5V
50 mV
SL33A/B
+
AUXENA/B
AUXINA/B
VAUXA/ B
+
Power on reset
Ref
Charge pump
2.9V
+
+
2.8V
+
+
+
+
10.5V
2.8V
S
Q
Q
R
+
+
+
+
100mV
100mV
12 good
33 good
12 off
33 off
AUX good
12UV
33UV
SH12x
AUX
Fault
POFF
POFF
Hold off
Hold off
12 fast
33 fast
Logic
Fault Timers
Fault Latch
Hold off
POFF
AUX good
12 good
33 good
AUX UV
12UV
33UV
AUX Fault
12 fast
33 fast
ONA/ B
GPIA/ B1
GPIA/ B2
SCL
SDA
SMBUS
SH12x
PON
PON
20 mA
70 mA
FILTERA/B
RFILTER
Thermal
shutdown
Inverted PMOS drive
AUXHIA
AUXHIB
FORCEONA/B
A2
A1
A0
PGOODA/B
FAULTA/B
INT
OUT33A/B
G33A/B
OUT12A/B
G12A/B
25
µA
25
µA
PON
100 mV
SL33A/B
SL12A/B
SH12A/B
100 mV
TPS2363
www.ti.com
SLUS680B – JANUARY 2006 – REVISED JANUARY 2010
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS2363


Similar Part No. - TPS2363PFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2363PFB TI-TPS2363PFB Datasheet
985Kb / 41P
[Old version datasheet]   PCIExpress Server Dual Slot Hot Plug Controller
More results

Similar Description - TPS2363PFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2363 TI-TPS2363 Datasheet
985Kb / 41P
[Old version datasheet]   PCIExpress Server Dual Slot Hot Plug Controller
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2592B MICREL-MIC2592B_05 Datasheet
1Mb / 31P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com