Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2541 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2541
Description  USB Charging Port Power Switch and Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2541 Datasheet(HTML) 2 Page - Texas Instruments

  TPS2541 Datasheet HTML 1Page - Texas Instruments TPS2541 Datasheet HTML 2Page - Texas Instruments TPS2541 Datasheet HTML 3Page - Texas Instruments TPS2541 Datasheet HTML 4Page - Texas Instruments TPS2541 Datasheet HTML 5Page - Texas Instruments TPS2541 Datasheet HTML 6Page - Texas Instruments TPS2541 Datasheet HTML 7Page - Texas Instruments TPS2541 Datasheet HTML 8Page - Texas Instruments TPS2541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TPS2540, TPS2540A
TPS2541, TPS2541A
SLVSAG2C
– OCTOBER 2010 – REVISED OCTOBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONT.)
The TPS2540A/41A auto detect mode also has a longer detach detection time, so that it can support certain
unique non-compliant devices. The TPS2540/40A/41/41A power-distribution switch is intended for applications
where heavy capacitive loads and short-circuits are likely to be encountered, incorporating a 73-m
Ω, N-channel
MOSFET in a single package. Constant-current mode is used when the output load exceeds the current-limit
threshold. ILIM_SEL logic input selects one of two current-limit thresholds, each one being individually adjustable
via an external resistor. Additional USB switch features include a de-glitched output fault reporting (FAULT), and
a logic-level enable EN (TPS2540/40A) or OUT discharge control DSC (TPS2541/41A). With the TPS2540/40A,
the mode
“000” is used to force an output discharge.
PRODUCT INFORMATION(1)
TA
FUNCTION
TDCPLOW
(2)
PACKAGE
MARKING
Enable
2540
≤0.9 s
Output Discharge
2541
-40
°C to 85°C
QFN16
Enable
2540A
≤9 s
Output Discharge
2541A
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder on www.ti.com.
(2)
Low DP_IN period in DCP mode, see Figure 31.
2
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS2540, TPS2540A TPS2541, TPS2541A


Similar Part No. - TPS2541

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2541 TI-TPS2541 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
More results

Similar Description - TPS2541

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLGC55545 DIALOG-SLGC55545 Datasheet
373Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Anpec Electronics Corop...
APL3524 ANPEC-APL3524 Datasheet
354Kb / 29P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLGC55544CV RENESAS-SLGC55544CV Datasheet
590Kb / 20P
   USB Charging Port Power Switch and Controller
8-Feb-2022
SLGC55545V RENESAS-SLGC55545V Datasheet
605Kb / 19P
   USB Charging Port Power Switch and Controller
8-Feb-2022
logo
Texas Instruments
TPS2544RTER TI-TPS2544RTER Datasheet
1Mb / 33P
[Old version datasheet]   USB Charging Port Controller and Power Switch
TPS2540 TI-TPS2540 Datasheet
1,021Kb / 37P
[Old version datasheet]   USB Charging Port Power Switch and Controller
logo
Dialog Semiconductor
SLGC55544C DIALOG-SLGC55544C Datasheet
381Kb / 20P
   USB Charging Port Power Switch and Controller
logo
Renesas Technology Corp
SLG55544 RENESAS-SLG55544 Datasheet
514Kb / 20P
   USB Charging Port Power Switch and Controller
Revised February 8, 2022
SLG55546 RENESAS-SLG55546 Datasheet
566Kb / 20P
   USB Charging Port Power Switch and Controller
February 8, 2022
logo
Pericom Semiconductor C...
PI5USB2544 PERICOM-PI5USB2544 Datasheet
685Kb / 22P
   USB Charging Port Controller and Detection Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com