Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2830DG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS2830DG4
Description  FAST SYNCHRONOUS-BUCK MOSFET DRIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2830DG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2830DG4 Datasheet HTML 2Page - Texas Instruments TPS2830DG4 Datasheet HTML 3Page - Texas Instruments TPS2830DG4 Datasheet HTML 4Page - Texas Instruments TPS2830DG4 Datasheet HTML 5Page - Texas Instruments TPS2830DG4 Datasheet HTML 6Page - Texas Instruments TPS2830DG4 Datasheet HTML 7Page - Texas Instruments TPS2830DG4 Datasheet HTML 8Page - Texas Instruments TPS2830DG4 Datasheet HTML 9Page - Texas Instruments TPS2830DG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TPS2830, TPS2831
FAST SYNCHRONOUSBUCK MOSFET DRIVERS
WITH DEADTIME CONTROL
SLVS196C − JANUARY1999 − REVISED JANUARY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating virtual junction temperature range,
VCC = 6.5 V, ENABLE = High, CL = 3.3 nF (unless otherwise noted) (continued)
dead-time control
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
LOWDR
Over the VCC range (see Note 3)
0.7VCC
V
VIL
Low-level input voltage
LOWDR
Over the VCC range (see Note 3)
1
V
VIH
High-level input voltage
DT
Over the VCC range
0.7VCC
V
VIL
Low-level input voltage
DT
Over the VCC range
1
V
NOTE 3: Ensured by design, not production tested.
digital control terminals (IN, CROWBAR, ENABLE, SYNC)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
Over the VCC range
0.7VCC
V
VIL
Low-level input voltage
Over the VCC range
1
V
switching characteristics over recommended operating virtual junction temperature range,
ENABLE = High, CL = 3.3 nF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBOOT = 4.5 V,
VBOOTLO = 0 V
60
HIGHDR output (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
50
ns
Rise time
HIGHDR output (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
50
ns
Rise time
VCC = 4.5 V
40
LOWDR output (see Note 3)
VCC = 6.5 V
30
ns
LOWDR output (see Note 3)
VCC = 12 V
30
ns
VBOOT = 4.5 V,
VBOOTLO = 0 V
60
HIGHDR output (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
50
ns
Fall time
HIGHDR output (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
50
ns
Fall time
VCC = 4.5 V
40
LOWDR output (see Note 3)
VCC = 6.5 V
30
ns
LOWDR output (see Note 3)
VCC = 12 V
30
ns
HIGHDR going low
VBOOT = 4.5 V,
VBOOTLO = 0 V
130
HIGHDR going low
(excluding dead time) (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
100
ns
Propagation delay time
(excluding dead time) (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
75
ns
Propagation delay time
LOWDR going high
VBOOT = 4.5 V,
VBOOTLO = 0 V
80
LOWDR going high
(excluding dead time) (see Note 3)
VBOOT = 6.5 V,
VBOOTLO = 0 V
70
ns
(excluding dead time) (see Note 3)
VBOOT = 12 V,
VBOOTLO = 0 V
60
ns
LOWDR going low
VCC = 4.5 V
80
Propagation delay time
LOWDR going low
(excluding dead time) (see Note 3)
VCC = 6.5 V
70
ns
Propagation delay time
(excluding dead time) (see Note 3)
VCC = 12 V
60
ns
DT to LOWDR and
VCC = 4.5 V
40
170
Driver nonoverlap time
DT to LOWDR and
LOWDR to HIGHDR (see Note 3)
VCC = 6.5 V
25
135
ns
Driver nonoverlap time
LOWDR to HIGHDR (see Note 3)
VCC = 12 V
15
85
ns
NOTE 3: Ensured by design, not production tested.


Similar Part No. - TPS2830DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2830D TI-TPS2830D Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
More results

Similar Description - TPS2830DG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81166 ONSEMI-NCP81166 Datasheet
80Kb / 9P
   Synchronous Buck MOSFET Drivers
January, 2015 ??Rev. 2
NCP81063 ONSEMI-NCP81063 Datasheet
88Kb / 8P
   Synchronous Buck MOSFET Drivers
June, 2016 ??Rev. P1
NCP5269A ONSEMI-NCP5269A Datasheet
186Kb / 11P
   Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. P1
logo
Texas Instruments
TPS2830 TI-TPS2830 Datasheet
198Kb / 15P
[Old version datasheet]   FAST SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEADTIME CONTROL
logo
Richtek Technology Corp...
RT9603 RICHTEK-RT9603 Datasheet
116Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
RT9603 RICHTEK-RT9603_07 Datasheet
128Kb / 10P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Intersil Corporation
HIP6601 INTERSIL-HIP6601_04 Datasheet
234Kb / 8P
   Synchronous-Rectified Buck MOSFET Drivers
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
ON Semiconductor
NCP5901 ONSEMI-NCP5901 Datasheet
140Kb / 9P
   Compatible Synchronous Buck MOSFET Drivers
June, 2013 ??Rev. 2
NCP81062 ONSEMI-NCP81062 Datasheet
88Kb / 8P
   Compatible Synchronous Buck MOSFET Drivers
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com