Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS6734IDG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6734IDG4
Description  FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6734IDG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS6734IDG4 Datasheet HTML 4Page - Texas Instruments TPS6734IDG4 Datasheet HTML 5Page - Texas Instruments TPS6734IDG4 Datasheet HTML 6Page - Texas Instruments TPS6734IDG4 Datasheet HTML 7Page - Texas Instruments TPS6734IDG4 Datasheet HTML 8Page - Texas Instruments TPS6734IDG4 Datasheet HTML 9Page - Texas Instruments TPS6734IDG4 Datasheet HTML 10Page - Texas Instruments TPS6734IDG4 Datasheet HTML 11Page - Texas Instruments TPS6734IDG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TPS6734I
FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
SLVS127A – AUGUST 1995 – REVISED JANUARY 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
8
6
2
0
01
2
3
4
5
10
14
t – Time – mS
EN RESPONSE TIME
67
89
4
12
Output
Voltage
EN Voltage
VI = 5 V
VO = 5 V to 12 V
IL = 120 mA at 12 V
170
160
150
140
34
5
180
190
OSCILLATOR FREQUENCY
vs
SUPPLY VOLTAGE
200
67
9
10
8
VCC – Supply Voltage – V
Figure 4
Figure 5
10
6
4
0
0.1 0.5
0.9
1.3
1.7
2.1
2.5
12
16
INPUT SUPPLY CURRENT
vs
SUPPLY VOLTAGE
18
2.9
4.5
6.5 8.5
14
8
2
Bootstrap
Typical
IO = 0
VCC – Supply Voltage – V
120
60
40
0
3
3.5
4
140
160
MAXIMUM OUTPUT CURRENT
vs
SUPPLY VOLTAGE
180
4.5
5
100
80
20
VCC – Supply Voltage – V
Figure 6
Figure 7


Similar Part No. - TPS6734IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734ID TI-TPS6734ID Datasheet
285Kb / 19P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
More results

Similar Description - TPS6734IDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6734I TI-TPS6734I Datasheet
285Kb / 19P
[Old version datasheet]   FIXED 12-V 120-mA BOOST-CONVERTER SUPPLY
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Texas Instruments
SLVS141A TI1-SLVS141A Datasheet
366Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735 TI1-TPS6735_08 Datasheet
366Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
TPS6735 TI-TPS6735 Datasheet
306Kb / 18P
[Old version datasheet]   FIXED NEGATIVE 5-V 200-mA INVERTING DC/DC CONVERTER
logo
STMicroelectronics
AN4116 STMICROELECTRONICS-AN4116 Datasheet
3Mb / 38P
   This document describes a 12 V-350 mA power supply
logo
Analog Devices
ADP1073 AD-ADP1073 Datasheet
442Kb / 16P
   Micropower DC.DC Converter Adjustable and Fixed 3.3 V, 5 V, 12 V
REV. 0
ADP1073 AD-ADP1073_15 Datasheet
44Kb / 2P
   Micropower DC-DC Converter Adjustable and Fixed 5 V, 12 V
REV. 0
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com