Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53114 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53114
Description  SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53114 Datasheet(HTML) 2 Page - Texas Instruments

  TPS53114 Datasheet HTML 1Page - Texas Instruments TPS53114 Datasheet HTML 2Page - Texas Instruments TPS53114 Datasheet HTML 3Page - Texas Instruments TPS53114 Datasheet HTML 4Page - Texas Instruments TPS53114 Datasheet HTML 5Page - Texas Instruments TPS53114 Datasheet HTML 6Page - Texas Instruments TPS53114 Datasheet HTML 7Page - Texas Instruments TPS53114 Datasheet HTML 8Page - Texas Instruments TPS53114 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
TPS53114PWP
(TSSOP16)
SW
DRVL
DRVH
VBST
EN
VO
VFB
GND
VREG5
TRIP
PGND
C3
C1
10uFx2
L1
R2
R1
C2
0.1uF
Q1
Q2
VO1
C5
4.7uF
C6
1uF
R3
1
16
10
13
14
15
8
11
12
4
6
7
VIN
FSEL
V5FILT
9
CER
5
3
SS
VIN
2
C4
VIN
C7
THERMAL
PAD
SGND
SGND
SGND
SGND
PGND
PGND
TPS53114PW
(TSSOP16)
SW
DRVL
DRVH
VBST
EN
VO
VFB
GND
VREG5
TRIP
PGND
C3
C1
10uFx2
L1
R2
R1
C2
0.1uF
Q1
Q2
VO1
C5
4.7uF
C6
1uF
R3
1
16
10
13
14
15
8
11
12
4
6
7
VIN
FSEL
V5FILT
9
CER
5
3
SS
VIN
2
C4
VI N
C7
SG ND
SG ND
SG ND
SGND
PG ND
PG ND
TPS53114
SLVS887B – APRIL 2009 – REVISED OCTOBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATION CIRCUITS
Figure 1. HTSSOP
Figure 2. TSSOP
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS53114


Similar Part No. - TPS53114

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWP TI-TPS53114PWP Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114PWPR TI-TPS53114PWPR Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
More results

Similar Description - TPS53114

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
logo
Texas Instruments
TPS53219A TI1-TPS53219A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single Synchronous Step-Down Controller
logo
ON Semiconductor
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com