Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54227DRCT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54227DRCT
Description  4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54227DRCT Datasheet(HTML) 1 Page - Texas Instruments

  TPS54227DRCT Datasheet HTML 1Page - Texas Instruments TPS54227DRCT Datasheet HTML 2Page - Texas Instruments TPS54227DRCT Datasheet HTML 3Page - Texas Instruments TPS54227DRCT Datasheet HTML 4Page - Texas Instruments TPS54227DRCT Datasheet HTML 5Page - Texas Instruments TPS54227DRCT Datasheet HTML 6Page - Texas Instruments TPS54227DRCT Datasheet HTML 7Page - Texas Instruments TPS54227DRCT Datasheet HTML 8Page - Texas Instruments TPS54227DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
100
s/div
m
Vout (50 mV/div)
Iout (1 A/div)
TPS54227DDA
TPS54227
www.ti.com
SLVSAU2B – MAY 2011 – REVISED JUNE 2013
4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
Check for Samples: TPS54227
1
FEATURES
DESCRIPTION
The TPS54227 is an adaptive on-time D-CAP2™
23
D-CAP2™ Mode Enables Fast Transient
mode synchronous buck converter. TheTPS54227
Response
enables system designers to complete the suite of
Low Output Ripple and Allows Ceramic Output
various end equipment’s power bus regulators with a
Capacitor
cost effective, low component count, low standby
current solution. The main control loop for the
Wide VIN Input Voltage Range: 4.5 V to 18 V
TPS54227 uses the D-CAP2™ mode control which
Output Voltage Range: 0.76 V to 7 V
provides a fast transient response with no external
Highly Efficient Integrated FETs Optimized
compensation components. The TPS54227 also has
for Lower Duty Cycle Applications
a proprietary circuit that enables the device to adopt
– 155 m
Ω (High Side) and 108 mΩ (Low Side)
to both low equivalent series resistance (ESR) output
capacitors, such as POSCAP or SP-CAP, and ultra-
High Efficiency, Less Than 10
μA at Shutdown
low ESR ceramic capacitors. The device operates
High Initial Bandgap Reference Accuracy
from 4.5-V to 18-V VIN input. The output voltage can
Adjustable Soft Start
be programmed between 0.76 V and 7 V. The device
also features an adjustable soft start time. The
Pre-Biased Soft Start
TPS54227 is available in the 8-pin DDA package and
700-kHz Switching Frequency (fSW)
10-pin DRC, and is designed to operate from –40°C
Cycle By Cycle Over Current Limit
to 85°C.
APPLICATIONS
Wide Range of Applications for Low Voltage
System
Digital TV Power Supply
High Definition Blu-ray Disc™ Players
Networking Home Terminal
Digital Set Top Box (STB)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2 is a trademark of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54227DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54227DRCT TI1-TPS54227DRCT Datasheet
999Kb / 24P
[Old version datasheet]   Synchronous Step-Down Converter
More results

Similar Description - TPS54227DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54625 TI1-TPS54625 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com