Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2376DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2376DR
Description  IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2376DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2376DR Datasheet HTML 3Page - Texas Instruments TPS2376DR Datasheet HTML 4Page - Texas Instruments TPS2376DR Datasheet HTML 5Page - Texas Instruments TPS2376DR Datasheet HTML 6Page - Texas Instruments TPS2376DR Datasheet HTML 7Page - Texas Instruments TPS2376DR Datasheet HTML 8Page - Texas Instruments TPS2376DR Datasheet HTML 9Page - Texas Instruments TPS2376DR Datasheet HTML 10Page - Texas Instruments TPS2376DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
data sheet
TPS2375
TPS2376
TPS2377
www.ti.com............................................................................................................................................................ SLVS525B – APRIL 2004 – REVISED APRIL 2008
RTN: This pin provides the switched negative power rail used by the downstream circuits. The operational and
inrush current limit control current into the pin. The PG circuit monitors the RTN voltage and also uses it as the
return for the PG pin pulldown transistor. The internal MOSFET body diode clamps VSS to RTN when voltage is
present between VDD and RTN and the PoE input is not present.
PG: This pin goes to a high resistance state when the internal MOSFET that feeds the RTN pin is enabled, and
the device is not in inrush current limiting. In all other states except detection, the PG output is pulled to RTN by
the internal open-drain transistor. Performance is assured with at least 4 V between VDD and RTN.
PG is an open-drain output; therefore, it may require a pullup resistor or other interface.
UVLO: This pin is specific to the TPS2376; it is not internally connected on the TPS2375 and TPS2377. The
UVLO pin is used with an external resistor divider between VDD and VSS to set the upper and lower UVLO
thresholds. The hysteresis, as measured as a percentage of the upper UVLO, is the same as the TPS2375.
The TPS2376 enables the output when V(UVLO) exceeds the upper UVLO threshold. When current begins to flow,
VDD sags due to cable resistance and the dynamic resistance of the input diodes. The lower UVLO threshold
must be below the lowest voltage that the input reaches.
The TPS2376 implements adjustable UVLO thresholds, but is otherwise functionally equivalent to the TPS2375.
The TPS2375 offers fixed UVLO thresholds designed to maximize hysteresis while maintaining compatibility with
the IEEE 802.3af standard. The TPS2377 offers fixed UVLO thresholds optimized for use with legacy PoE
systems.
VDD: This is the positive input supply to the TPS2375, which is also common to downstream load circuits. This
pin provides operating power and allows the controller to monitor the line voltage to determine the mode of
operation.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS2375 TPS2376 TPS2377


Similar Part No. - TPS2376DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2376D TI-TPS2376D Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2376DDA-H TI-TPS2376DDA-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
TPS2376DDA-HG4 TI-TPS2376DDA-HG4 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
TPS2376DDAR-H TI-TPS2376DDAR-H Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
TPS2376DDAR-HG4 TI-TPS2376DDAR-HG4 Datasheet
590Kb / 22P
[Old version datasheet]   IEEE 802.3af PoE HIGH POWER PD CONTROLLER
More results

Similar Description - TPS2376DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2375DR TI-TPS2375DR Datasheet
959Kb / 25P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375 TI-TPS2375 Datasheet
433Kb / 21P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS
TPS2375-1 TI-TPS2375-1 Datasheet
670Kb / 23P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
TPS2375-1 TI1-TPS2375-1_17 Datasheet
1Mb / 27P
[Old version datasheet]   IEEE 802.3af PoE POWERED DEVICE CONTROLLERS WITH AUTO-RETRY
logo
STMicroelectronics
STHS2375A STMICROELECTRONICS-STHS2375A Datasheet
190Kb / 20P
   IEEE 802.3af PoE Powered Device (PD) interface controller
logo
Monolithic Power System...
MP8003A MPS-MP8003A Datasheet
825Kb / 17P
   IEEE 802.3af/at, PoE, Powered Device, Interface Controller
logo
MPS Industries, Inc.
MP8020 MPSIND-MP8020 Datasheet
2Mb / 27P
   IEEE 802.3af/at/bt-Compliant,PoE, Powered Device Interface
Rev. 1.0 2/17/2022
logo
Monolithic Power System...
EV8003A-Q-00A MPS-EV8003A-Q-00A Datasheet
290Kb / 6P
   IEEE 802.3af/at PoE Powered Device Interface Controller Evaluation Board
logo
Maxim Integrated Produc...
MAX5981A MAXIM-MAX5981A Datasheet
1Mb / 16P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 2; 8/11
MAX5982A MAXIM-MAX5982A Datasheet
1Mb / 17P
   IEEE 802.3af/at-Compliant, Powered Device Interface
Rev 0; 6/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com