Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3123J12DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3123J12DBVT
Description  ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3123J12DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS3123J12DBVT Datasheet HTML 1Page - Texas Instruments TPS3123J12DBVT Datasheet HTML 2Page - Texas Instruments TPS3123J12DBVT Datasheet HTML 3Page - Texas Instruments TPS3123J12DBVT Datasheet HTML 4Page - Texas Instruments TPS3123J12DBVT Datasheet HTML 5Page - Texas Instruments TPS3123J12DBVT Datasheet HTML 6Page - Texas Instruments TPS3123J12DBVT Datasheet HTML 7Page - Texas Instruments TPS3123J12DBVT Datasheet HTML 8Page - Texas Instruments TPS3123J12DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
3
2
4
5
DBV PACKAGE
(TOP VIEW)
1
TPS3123/T
PS3128
RESET
GND
MR
VDD
WDI
3
2
4
5
1
TPS3124
RESET
GND
RESET
VDD
WDI
3
2
4
5
1
TPS3125/
TPS3126
RESET
GND
RESET
VDD
MR
MR
GND
VDD
RESET
TPS3123J12
XF
RESET
CVDD
DVDD
GND
1.2 V
TMS320UVC5402
WDI
TPS3123-xx
TPS3124-xx, TPS3125-xx
TPS3126-xx, TPS3128-xx
www.ti.com
SLVS227E
– AUGUST 1999 – REVISED AUGUST 2011
ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
Check for Samples: TPS3123-xx, TPS3124-xx, TPS3125-xx, TPS3126-xx, TPS3128-xx
1
FEATURES
2
Minimum Supply Voltage of 0.75 V
Supply Voltage Supervision Range:
– 1.2 V, 1.5 V, 1.8 V (TPS312x)
– 3 V (TPS3125 Devices Only)
– Other Versions on Request
Power-On Reset Generator With Fixed Delay
Time of 180 ms
Manual Reset Input (TPS3123/5/6/8)
Watchdog Timer Retriggers the RESET Output
at VDD ≥ VIT
Supply Current of 14
μA (Typ)
Small SOT23-5 Package
Temperature Range of
–40°C to +85°C
Reset Output Available in Push-Pull (Active
Low and High) and Open-Drain (Active-Low)
APPLICATIONS
Applications Using Low Voltage DSPs,
Microcontrollers, or Microprocessors
Portable/Battery-Powered Equipment
Wireless Communication Systems
Programmable Controls
Industrial Equipment
Notebook/Desktop Computers
Intelligent Instruments
Figure 1. Typical Low-Voltage DSP Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 1999–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3123J12DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3123J12DBVT TI-TPS3123J12DBVT Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12DBVT TI1-TPS3123J12DBVT Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12DBVTG4 TI1-TPS3123J12DBVTG4 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
More results

Similar Description - TPS3123J12DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3123-XX TI-TPS3123-XX_08 Datasheet
409Kb / 19P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI-TPS3123-XX Datasheet
218Kb / 12P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123-XX TI1-TPS3123-XX_16 Datasheet
813Kb / 21P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3123J12 TI-TPS3123J12 Datasheet
229Kb / 13P
[Old version datasheet]   ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com