Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54519RTET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54519RTET
Description  2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54519RTET Datasheet(HTML) 1 Page - Texas Instruments

  TPS54519RTET Datasheet HTML 1Page - Texas Instruments TPS54519RTET Datasheet HTML 2Page - Texas Instruments TPS54519RTET Datasheet HTML 3Page - Texas Instruments TPS54519RTET Datasheet HTML 4Page - Texas Instruments TPS54519RTET Datasheet HTML 5Page - Texas Instruments TPS54519RTET Datasheet HTML 6Page - Texas Instruments TPS54519RTET Datasheet HTML 7Page - Texas Instruments TPS54519RTET Datasheet HTML 8Page - Texas Instruments TPS54519RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
PH
VIN
POWERPAD
BOOT
VSENSE
COMP
TPS54519
EN
RT
SS/TR
PWRGD
C ss
R T
R 3
C 1
C
BOOT
C O
LO
R 1
R 2
C I
VOUT
VIN
AGND
GND
R4
R5
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
= 1.2 V
F
OUT
SW
= 1MHz
V
= 5 V
IN
I - Load Current - A
L
V
= 3 V
IN
TPS54519
www.ti.com
SLVSAT3
– SEPTEMBER 2011
2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
1
FEATURES
DESCRIPTION
The TPS54519 device is a full featured 6 V, 5 A,
Two 30 m
Ω (typical) MOSFETs for high
synchronous step down current mode converter with
efficiency at 5-A loads
two integrated MOSFETs.
200kHz to 2MHz Switching Frequency
The TPS54519 enables small designs by integrating
0.6 V
± 2% Voltage Reference Over
the MOSFETs, implementing current mode control to
Temperature
reduce external component count, reducing inductor
Adjustable Slow Start / Sequencing
size by enabling up to 2 MHz switching frequency,
and minimizing the IC footprint with a small 3mm x
UV and OV Power Good Output
3mm thermally enhanced QFN package.
Low Operating and Shutdown Quiescent
Current
The TPS54519 provides accurate regulation for a
variety of loads with an accurate
±2% Voltage
Safe Start-up into Pre-Biased Output
Reference (VREF) over temperature.
Cycle by Cycle Current Limit, Thermal and
Efficiency is maximized through the integrated 30m
Frequency Fold Back Protection
MOSFETs and 350
μA typical supply current. Using
–40°C to 140°C Operating Junction
the enable pin, shutdown supply current is reduced to
Temperature Range
2
μA by entering a shutdown mode.
Thermally Enhanced 3mm
× 3mm 16-pin QFN
Under voltage lockout is internally set at 2.6 V, but
can be increased by programming the threshold with
APPLICATIONS
a resistor network on the enable pin. The output
Low-Voltage, High-Density Power Systems
voltage startup ramp is controlled by the slow start
pin. An open drain power good signal indicates the
Point of Load Regulation for High Performance
output is within 93% to 107% of its nominal voltage.
DSPs, FPGAs, ASICs and Microprocessors
Frequency fold back and thermal shutdown protects
Broadband, Networking and Optical
the device during an overcurrent condition.
Communications Infrastructure
The TPS54519 is supported in the SwitcherProTM
SIMPLIFIED SCHEMATIC
Software Tool at www.ti.com/switcherpro.
For more SWIFTTM documentation, see the TI
website at www.ti.com/swift.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54519RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54519RTET TI1-TPS54519RTET Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS54519RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54519 TI1-TPS54519 Datasheet
1Mb / 33P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT Converter
TPS54519 TI-TPS54519_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95 V to 6 V Input, 5-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI-TPS54719_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54719 2.95 V To 6 V Input, 7-A Synchronous Step Down SWIFT??Converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com