Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54356 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54356
Description  4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54356 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS54356 Datasheet HTML 7Page - Texas Instruments TPS54356 Datasheet HTML 8Page - Texas Instruments TPS54356 Datasheet HTML 9Page - Texas Instruments TPS54356 Datasheet HTML 10Page - Texas Instruments TPS54356 Datasheet HTML 11Page - Texas Instruments TPS54356 Datasheet HTML 12Page - Texas Instruments TPS54356 Datasheet HTML 13Page - Texas Instruments TPS54356 Datasheet HTML 14Page - Texas Instruments TPS54356 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
TPS54352,TPS54353
TPS54354,TPS54355
TPS54356,TPS54357
SLVS519A − MAY 2004 − REVISED OCTOBER 2004
www.ti.com
11
Internal Oscillator
VO(PH)
VO(SYNC)
Figure 4. SYNC Output Waveform
Power Good (PWRGD)
The VSENSE pin is compared to an internal reference
signal, if the VSENSE is greater than 97% and no other
faults are present, the PWRGD pin presents a high
impedance. A low on the PWRGD pin indicates a fault. The
PWRGD pin has been designed to provide a weak
pull-down and indicates a fault even when the device is
unpowered. If the TPS5435x has power and has any fault
flag set, the TPS5435x indicates the power is not good by
driving the PWRGD pin low. The following events, singly
or in combination, indicate power is not good:
D VSENSE pin out of bounds
D Overcurrent
D Thermal shutdown
D UVLO undervoltage
D Input voltage not present (weak pull-down)
D Slow-starting
D VBIAS voltage is low
Once the PWRGD pin presents a high impedance (i.e.,
power is good), a VSENSE pin out of bounds condition
forces PWRGD pin low (i.e., power is bad) after a time
delay. This time delay is a function of the switching
frequency and is calculated using equation 6:
T
delay +
1000
ƒs(kHz)
ms
Bias Voltage (VBIAS)
The VBIAS regulator provides a stable supply for the
internal analog circuits and the low side gate driver. Up to
1 mA of current can be drawn for use in an external
application circuit. The VBIAS pin must have a bypass
capacitor value of 1.0
µF. X7R or X5R grade dielectric
ceramic capacitors are recommended because of their
stable characteristics over temperature.
Bootstrap Voltage (BOOT)
The BOOT capacitor obtains its charge cycle by cycle from
the VBIAS capacitor. A capacitor from the BOOT pin to the
PH pins is required for operation. The bootstrap
connection for the high side driver must have a bypass
capacitor of 0.1
µF.
Error Amplifier
The VSENSE pin is the error amplifier inverting input. The
error amplifier is a true voltage amplifier with 1.5 mA of
drive capability with a minimum of 60 dB of open loop
voltage gain and a unity gain bandwidth of 2 MHz.
Voltage Reference
The voltage reference system produces a precision
reference signal by scaling the output of a temperature
stable bandgap circuit. During production testing, the
bandgap and scaling circuits are trimmed to produce
0.891 V at the output of the error amplifier, with the
amplifier connected as a voltage follower. The trim
procedure improves the regulation, since it cancels offset
errors in the scaling and error amplifier circuits.
PWM Control and Feed Forward
Signals from the error amplifier output, oscillator, and
current limit circuit are processed by the PWM control
logic. Referring to the internal block diagram, the control
logic includes the PWM comparator, PWM latch, and the
adaptive dead-time control logic. During steady-state
operation below the current limit threshold, the PWM
comparator output and oscillator pulse train alternately
reset and set the PWM latch.
(6)


Similar Part No. - TPS54356

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54356 TI-TPS54356 Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54356-EP TI1-TPS54356-EP Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
TPS54356MPWPREP TI1-TPS54356MPWPREP Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
TPS54356PWP TI-TPS54356PWP Datasheet
541Kb / 28P
[Old version datasheet]   4.5V TO 20 V INPUT 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET
TPS54356PWP TI1-TPS54356PWP Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
More results

Similar Description - TPS54356

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54352-EP TI1-TPS54352-EP Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHES
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54550 TI-TPS54550 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com