Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61120PWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61120PWR
Description  SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61120PWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61120PWR Datasheet HTML 2Page - Texas Instruments TPS61120PWR Datasheet HTML 3Page - Texas Instruments TPS61120PWR Datasheet HTML 4Page - Texas Instruments TPS61120PWR Datasheet HTML 5Page - Texas Instruments TPS61120PWR Datasheet HTML 6Page - Texas Instruments TPS61120PWR Datasheet HTML 7Page - Texas Instruments TPS61120PWR Datasheet HTML 8Page - Texas Instruments TPS61120PWR Datasheet HTML 9Page - Texas Instruments TPS61120PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
SWN
C3
10
µF
Power
Supply
L1
10
µH
R1
R2
VBAT
VOUT
FB
R3
R6
LDOIN
R5
R4
LDOSENSE
LDOOUT
R7
R9
C6
2.2
µF
C4
100
µF
U1
LBO
PGOOD
PGND
LBI
SKIPEN
EN
LDOEN
GND
TPS6112xPW
List of Components:
U1 = TPS6112xPW
L1 = Sumida CDRH73−100
C3, C5, C6 = X7R/X5R Ceramic
C4 = Low ESR Tantalum
Vout1
Boost Output
Vout2
LDO Output
Control
Outputs
SWP
C5
2.2
µF
TPS61120
TPS61122, TPS61121
SLVS427C – JUNE 2002 – REVISED APRIL 2004
6


Similar Part No. - TPS61120PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
More results

Similar Description - TPS61120PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61120 TI-TPS61120 Datasheet
462Kb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
TPS61130 TI-TPS61130 Datasheet
546Kb / 28P
[Old version datasheet]   SYNCHRONOUS SEPIC / FLYBACK CONVERTER WITH 1.1A SWITCH AND INTEGRATED LDO
logo
Leshan Radio Company
LR8400 LRC-LR8400 Datasheet
484Kb / 18P
   1.1A 1.2MHz Synchronous Boost Converter
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
[Old version datasheet]   SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS2505 TI-TPS2505 Datasheet
849Kb / 28P
[Old version datasheet]   INTEGRATED DUAL USB SWITCHES, BOOST CONVERTER AND LDO
TPS2505 TI1-TPS2505_15 Datasheet
1Mb / 33P
[Old version datasheet]   Integrated Dual USB Switches, Boost Converter and LDO
TPS61098 TI-TPS61098_15 Datasheet
2Mb / 38P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
TPS61098 TI1-TPS61098_16 Datasheet
3Mb / 44P
[Old version datasheet]   TPS61098x Ultra-Low Quiescent Current Synchronous Boost with Integrated LDO/Load Switch
logo
Renesas Technology Corp
RAA212421 RENESAS-RAA212421 Datasheet
1Mb / 34P
   3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
Jul 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com