Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61301YFFR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61301YFFR
Description  1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61301YFFR Datasheet(HTML) 3 Page - Texas Instruments

  TPS61301YFFR Datasheet HTML 1Page - Texas Instruments TPS61301YFFR Datasheet HTML 2Page - Texas Instruments TPS61301YFFR Datasheet HTML 3Page - Texas Instruments TPS61301YFFR Datasheet HTML 4Page - Texas Instruments TPS61301YFFR Datasheet HTML 5Page - Texas Instruments TPS61301YFFR Datasheet HTML 6Page - Texas Instruments TPS61301YFFR Datasheet HTML 7Page - Texas Instruments TPS61301YFFR Datasheet HTML 8Page - Texas Instruments TPS61301YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 77 page
background image
TPS61300
TPS61301
TPS61305, TPS61305A
www.ti.com
SLVS957D – JUNE 2009 – REVISED OCTOBER 2012
ELECTRICAL CHARACTERISTICS
Unless otherwise noted the specification applies for VIN = 3.6V over an operating junction temp. –40°C ≤ TJ ≤ 125°C; Circuit
of Parameter Measurement Information section (unless otherwise noted). Typical values are for TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.5
5.5
V
IOUT = 0 mA, device not switching
μA
590
700
–40°C
≤ TJ ≤ +85°C
IQ
Operating quiescent current into AVIN
IOUT(DC) = 0mA, PWM operation
mA
11.3
VOUT = 4.95V, voltage regulation mode
ISD
Shutdown current
HC_SEL = 0, –40°C
≤ TJ ≤ +85°C
1
5
μA
HC_SEL = 1, storage capacitor balanced
μA
ISTBY
Standby current
2
12
–40°C
≤ TJ ≤ +85°C
Pre-charge current
VOUT = 2.3V, 2.5V ≤ VIN ≤ 5.5V
150
mA
Pre-charge hysteresis (referred to VOUT)
40
75
mV
VUVLO
Undervoltage lockout threshold
V
VIN falling
2.3
2.4
(analog circuitry)
OUTPUT
Current regulation mode
VIN
5.5
V
Output voltage range
Voltage regulation mode
3.825
5.7
V
VOUT
2.5V
≤ VIN ≤ 4.8V, –20°C ≤ TJ ≤ +125°C
Internal feedback voltage accuracy
–2%
2%
Boost mode, PWM voltage regulation
Power-save mode ripple voltage
IOUT = 10 mA
0.015 VOUT
VP-P
VOUT rising, 0000 ≤ OV[3:0] ≤ 0100
4.5
4.65
4.8
V
Output overvoltage protection
OVP
VOUT rising, 0101 ≤ OV[3:0] ≤ 1111
5.8
6.0
6.2
V
Output overvoltage protection hysteresis
VOUT falling, 0101 ≤ OV[3:0] ≤ 1111
0.15
V
POWER SWITCH
rDS(on)
Switch MOSFET on-resistance
VOUT = VGS = 3.6 V
90
m
Rectifier MOSFET on-resistance
VOUT = VGS = 3.6 V
135
m
Ilkg(SW)
Leakage into SW
VOUT = 0V, SW = 3.6V, –40°C ≤ TJ ≤ +85°C
0.3
4
μA
VOUT = 4.95V, HC_SEL = 0
Ilim
Rectifier valley current limit (open-loop)
–20°C
≤ TJ ≤ +85°C
–15
+15
%
PWM operation, relative to selected ILIM
OSCILLATOR
fOSC
Oscillator frequency
1.92
MHz
fACC
Oscillator frequency
–10
+7
%
THERMAL SHUTDOWN, HOT DIE DETECTOR
Thermal shutdown(1)
140
160
°C
Thermal shutdown hysteresis(1)
20
°C
Hot die detector accuracy(1)
–8
8
°C
(1)
Verified by characterization. Not tested in production.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS61300 TPS61301 TPS61305 TPS61305A


Similar Part No. - TPS61301YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61301YFFR TI1-TPS61301YFFR Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
More results

Similar Description - TPS61301YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61325 TI-TPS61325 Datasheet
2Mb / 62P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61300 TI-TPS61300 Datasheet
1Mb / 78P
[Old version datasheet]   1.5A/4.1A Multiple LED Camera Flash Driver With I2CTM Compatible Interface
TPS61310YFFR TI-TPS61310YFFR Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310 Datasheet
1Mb / 51P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
TPS61310 TI-TPS61310_12 Datasheet
2Mb / 57P
[Old version datasheet]   1.5A Multiple LED Camera Flash and Video Light Driver With I2CTM Compatible Interface
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
   1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
Texas Instruments
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
   1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
STMicroelectronics
STCF03I STMICROELECTRONICS-STCF03I Datasheet
450Kb / 33P
   High power white LED driver with I2CTM interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com