Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62690YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62690YFFR
Description  500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62690YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62690YFFR Datasheet HTML 3Page - Texas Instruments TPS62690YFFR Datasheet HTML 4Page - Texas Instruments TPS62690YFFR Datasheet HTML 5Page - Texas Instruments TPS62690YFFR Datasheet HTML 6Page - Texas Instruments TPS62690YFFR Datasheet HTML 7Page - Texas Instruments TPS62690YFFR Datasheet HTML 8Page - Texas Instruments TPS62690YFFR Datasheet HTML 9Page - Texas Instruments TPS62690YFFR Datasheet HTML 10Page - Texas Instruments TPS62690YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
V = 3 V
PFM/PWM Operation
I
I
- Load Current - mA
O
V = 3.2 V
PFM/PWM Operation
I
V = 3.6 V
PFM/PWM Operation
I
V = 4.2 V
PFM/PWM Operation
I
V = 3.6 V
Forced PWM Operation
I
V
= 2.85 V
O
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
I
- Load Current - mA
O
V = 3.2 V
Forced PWM
I
V
= 2.85 V
O
V = 3.6 V
Forced PWM
I
V = 4.2 V
Forced PWM
I
V = 3 V
Forced PWM
I
TPS62690
TPS62691
TPS62697
www.ti.com
SLVS965B
– MARCH 2011 – REVISED JANUARY 2012
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Load current
3, 4, 5
η
Efficiency
vs Input voltage
6
Peak-to-peak output ripple voltage
vs Load current
7, 8
Combined line/load transient
9, 10
response
Load transient response
11, 12, 13, 14
AC load transient response
15, 16, 17, 18
VO
DC output voltage
vs Load current
19, 20
PFM/PWM boundaries
vs Input voltage
21
IQ
Quiescent current
vs Input voltage
22
PWM switching frequency
vs Input voltage
23
fs
PFM switching frequency
vs Load current
24
P-channel MOSFET rDS(on)
vs Input voltage
25
rDS(on)
N-channel MOSFET rDS(on)
vs Input voltage
26
PWM operation
27
Power-save mode operation
28
Start-up
29, 30
PSRR
Power supply rejection ratio
vs. Frequency
31
Spurious output noise (PFM mode)
vs. Frequency
32
Spurious output noise (PWM mode)
vs. Frequency
33
Output spectral noise density
vs. Frequency
34
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 3.
Figure 4.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62690 TPS62691 TPS62697


Similar Part No. - TPS62690YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62690YFFR TI1-TPS62690YFFR Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Similar Description - TPS62690YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Analog Devices
ADP5300 AD-ADP5300 Datasheet
761Kb / 21P
   50 mA/500 mA, High Efficiency, Ultralow Power Step-Down Regulator
ADP5301 AD-ADP5301 Datasheet
693Kb / 21P
   50 mA/500 mA, High Efficiency,Ultralow Power Step-Down Regulator
logo
Texas Instruments
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com