Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62260DDCRG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62260DDCRG4
Description  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62260DDCRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62260DDCRG4 Datasheet HTML 7Page - Texas Instruments TPS62260DDCRG4 Datasheet HTML 8Page - Texas Instruments TPS62260DDCRG4 Datasheet HTML 9Page - Texas Instruments TPS62260DDCRG4 Datasheet HTML 10Page - Texas Instruments TPS62260DDCRG4 Datasheet HTML 11Page - Texas Instruments TPS62260DDCRG4 Datasheet HTML 12Page - Texas Instruments TPS62260DDCRG4 Datasheet HTML 13Page - Texas Instruments TPS62260DDCRG4 Datasheet HTML 14Page - Texas Instruments TPS62260DDCRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
V
3.6V
V
1.5V
I
MODE=GND
IN
OUT
OUT
1.5mA to50mA
V
50mV/Div
OUT
I
COIL
500mA/Div
TimeBase
50
s/Div
m
SW2V/Div
I
50mA/Div
OUT
1.5mA
50mA
V
3.6V
V
1.5V
I
50mA to
MODE=GND
IN
OUT
OUT
1.5mA
V
50mV/Div
OUT
I
500mA/Div
COIL
TimeBase
50
s/Div
m
SW2V/Div
I
50mA/Div
OUT
1.5mA
50mA
V
3.6V
V
1.8V
I
50
MODE=GND
IN
OUT
OUT
mA to250mA
V
50mV/Div
OUT
I
500mA/Div
COIL
TimeBase
20
s/Div
m
SW2V/Div
I
200mA/Div
OUT
50mA
250mA
V
3.6V
V
1.5V
I
50
MODE=GND
IN
OUT
OUT
mA to400mA
V
50mV/Div
OUT
I
500mA/Div
COIL
TimeBase
20
s/Div
m
SW2V/Div
I
500mA/Div
OUT
50mA
400mA
PFMMode
PWMMode
TPS62260, TPS62261
TPS62262, TPS62263
www.ti.com
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
LOAD TRANSIENT (PFM Mode)
LOAD TRANSIENT (PFM Mode)
Figure 21.
Figure 22.
LOAD TRANSIENT
LOAD TRANSIENT
(PFM Mode To PWM Mode)
(PFM Mode To PWM Mode)
Figure 23.
Figure 24.
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263


Similar Part No. - TPS62260DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260DDCRG4 TI-TPS62260DDCRG4 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results

Similar Description - TPS62260DDCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com