Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65141PWPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65141PWPRG4
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65141PWPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65141PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS65141PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS65141PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS65141PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS65141PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS65141PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS65141PWPRG4 Datasheet HTML 12Page - Texas Instruments TPS65141PWPRG4 Datasheet HTML 13Page - Texas Instruments TPS65141PWPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
9
10
11
12
13
14
15
Vo1 − Output Voltage − V
Vo3 = 18 V (Doubler Mode)
TA = 25°C
TA = 85°C
TA = −40°C
0
0.02
0.04
0.06
0.08
0.10
0.12
9
10
11
12
13
14
15
Vo1 − Output Voltage − V
Vo3 = 28 V (Tripler Mode)
TA = 25°C
TA = 85°C
TA = −40°C
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
8.8
9.8
10.8
11.8
12.8
13.8
14.8
Vo1 − Output Voltage − V
Vo2 = −8 V
TA = −40°C
TA = 25°C
TA = 85°C
Vo1
5 V/div
VI = 3.3 V
VO = 10 V,
500
µs/div
Vo2
5 V/div
Vo3
10 V/div
Vo1
5 V/div
VI = 3.3 V
VO = 10 V,
IO = 300 mA
500
µs/div
II
500
mA/div
TPS65140, TPS65141
TPS65145
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
POWER-UP SEQUENCING
SOFT START VO1
VO2 MAXIMUM LOAD CURRENT
Figure 10.
Figure 11.
Figure 12.
VO3 MAXIMUM LOAD CURRENT
VO3 MAXIMUM LOAD CURRENT
Figure 13.
Figure 14.
DETAILED DESCRIPTION
The TPS6514x series consists of a main boost converter operating with a fixed switching frequency of 1.6 MHz
to allow for small external components. The boost converter output voltage VO1 is also the input voltage,
connected via the pin SUP, for the positive and negative charge pump. The linear regulator controller is
independent from this system with its own enable pin. This allows the linear regulator controller to continue to
operate while the other supply rails are disabled or in shutdown due to a fault condition on one of their outputs.
Refer to the functional block diagram for more information.
Main Boost Converter
The main boost converter operates with PWM and a fixed switching frequency of 1.6 MHz. The converter uses a
unique fast response, voltage mode controller scheme with input voltage feedforward. This achieves excellent
line and load regulation (0.2% A load regulation typical) and allows the use of small external components. To add
higher flexibility to the selection of external component values, the device uses external loop compensation.
Although the boost converter looks like a nonsynchronous boost converter topology operating in discontinuous
mode at light load, the TPS6514x series maintains continuous conduction even at light load currents. This is
accoplished using the Virtual Synchronous Converter Technology for improved load transient response. This
architecture uses an external Schottky diode and an integrated MOSFET in parallel connected between SW and
SUP (see the functional block diagram). The integrated MOSFET Q2 allows the inductor current to become
negative at light load conditions. For this purpose, a small integrated P-channel MOSFET with typically 10
rDS(on) is sufficient. When the inductor current is positive, the external Schottky diode with the lower forward
voltage conducts the current. This causes the converter to operate with a fixed frequency in continuous
conduction mode over the entire load current range. This avoids the ringing on the switch pin as seen with a
standard nonsynchronous boost converter and allows a simpler compensation for the boost converter.
10
Submit Documentation Feedback
Copyright © 2003–2012, Texas Instruments Incorporated
Product Folder Links: TPS65140 TPS65141 TPS65145


Similar Part No. - TPS65141PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65141PWPRG4 TI-TPS65141PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65141PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65141PWPR TI-TPS65141PWPR Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com