Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62262DRVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62262DRVT
Description  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62262DRVT Datasheet(HTML) 5 Page - Texas Instruments

  TPS62262DRVT Datasheet HTML 1Page - Texas Instruments TPS62262DRVT Datasheet HTML 2Page - Texas Instruments TPS62262DRVT Datasheet HTML 3Page - Texas Instruments TPS62262DRVT Datasheet HTML 4Page - Texas Instruments TPS62262DRVT Datasheet HTML 5Page - Texas Instruments TPS62262DRVT Datasheet HTML 6Page - Texas Instruments TPS62262DRVT Datasheet HTML 7Page - Texas Instruments TPS62262DRVT Datasheet HTML 8Page - Texas Instruments TPS62262DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
V IN
GND
EN
FB
SW
TPS62260DVR
R1
R2
VOUT
MODE
C
4.7 F
IN
m
L
2.2 H
m
C
22pF
1
C
10 F
OUT
m
L:LPS30152.2 H,110m
C
GRM188R60J475K4.7 FMurata0603size
C
m
W
m
IN
OUT GRM188R60J106M10
FMurata0603size
m
TPS62260, TPS62261
TPS62262, TPS62263
www.ti.com
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
PARAMETER MEASUREMENT INFORMATION
TYPICAL CHARACTERISTICS
Table 1. Table of Graphs
FIGURE
Output Current VOUT = 1.8 V, Power Save Mode, MODE = GND
Figure 1
Output Current VOUT = 1.8 V, PWM Mode, MODE = VIN
Figure 2
Output Current VOUT = 3.3 V, PWM Mode, MODE = VIN
Figure 3
η
Efficiency
Output Current VOUT = 3.3 V, Power Save Mode, MODE = GND
Figure 4
Output Current
Figure 5
Output Current
Figure 6
at 25
°C, VOUT = 1.8 V, Power Save Mode, MODE = GND
Figure 7
at
–40°C, VOUT = 1.8 V, Power Save Mode, MODE = GND
Figure 8
at 85
°C, VOUT = 1.8 V, Power Save Mode, MODE = GND
Figure 9
Output Voltage Accuracy
at 25
°C, VOUT = 1.8 V, PWM Mode, MODE = VIN
Figure 10
at
–40°C, VOUT = 1.8 V, PWM Mode, MODE = VIN
Figure 11
at 85
°C, VOUT = 1.8 V, PWM Mode, MODE = VIN
Figure 12
Typical Operation
PWM Mode, VOUT = 1.8 V
Figure 13
MODE Pin Transition From PFM to PWM Mode at light load
Figure 14
Mode Transition
MODE Pin Transition From PWM to PFM Mode at light load
Figure 15
Start-up Timing
Figure 16
Forced PWM Mode , VOUT = 1.5 V, 50 mA to 200 mA
Figure 17
Forced PWM Mode , VOUT = 1.5 V, 200 mA to 400 mA
Figure 18
PFM Mode to PWM Mode, VOUT = 1.5 V, 150 μA to 400 mA
Figure 19
PWM Mode to PFM Mode, VOUT = 1.5 V, 400 mA to 150 μA
Figure 20
Load Transient
PFM Mode, VOUT = 1.5 V, 1.5 mA to 50 mA
Figure 21
PFM Mode, VOUT = 1.5 V, 50 mA to 1.5 mA
Figure 22
PFM Mode to PWM Mode, VOUT = 1.8 V, 50 mA to 250 mA
Figure 23
PFM Mode to PWM Mode, VOUT = 1.5 V, 50 mA to 400 mA
Figure 24
PWM Mode to PFM Mode, VOUT = 1.5 V, 400 mA to 50 mA
Figure 25
PFM Mode, VOUT = 1.8 V, 50 mA
Figure 26
Line Transient
Forced PWM Mode, VOUT = 1.8 V, 250 mA
Figure 27
PFM VOUT Ripple, VOUT = 1.8 V, 10 mA, L = 2.2μH, COUT = 10μF
Figure 28
Typical Operation
PFM VOUT Ripple, VOUT = 1.8 V, 10 mA, L = 4.7μH, COUT = 10μF
Figure 29
Shutdown Current into VIN
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 30
Quiescent Current
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 31
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263


Similar Part No. - TPS62262DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62262DRVT TI-TPS62262DRVT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVT TI-TPS62262DRVT Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVTG4 TI-TPS62262DRVTG4 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results

Similar Description - TPS62262DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com