Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62262DRVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62262DRVT
Description  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62262DRVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62262DRVT Datasheet HTML 3Page - Texas Instruments TPS62262DRVT Datasheet HTML 4Page - Texas Instruments TPS62262DRVT Datasheet HTML 5Page - Texas Instruments TPS62262DRVT Datasheet HTML 6Page - Texas Instruments TPS62262DRVT Datasheet HTML 7Page - Texas Instruments TPS62262DRVT Datasheet HTML 8Page - Texas Instruments TPS62262DRVT Datasheet HTML 9Page - Texas Instruments TPS62262DRVT Datasheet HTML 10Page - Texas Instruments TPS62262DRVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
I − OutputCurrent − mA
O
0
10
20
30
40
90
100
1
10
100
1000
50
60
V =2.3V
I
V =2.3V
I
V =2.7V
I
V =3.6V
I
V =4.5V
I
V
=1.2V,
MODE=V ,
L =2 H,
MIPSA2520
C
=10 F0603
O
I
O
m
m
70
80
I − OutputCurrent − mA
O
0
10
20
30
40
90
100
0.01
0.1
100
1000
50
60
V =2.3V
I
V =2.7V
I
V =3.6V
I
V =4.5V
I
V
=1.2V
MODE=GND
L =2 H
MIPSA2520
C
=10 F0603
O
O
m
m
70
80
10
1
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
PFMMode,VoltagePositioning
0.01
0.1
1
10
100
1000
I
– OutputCurrent – mA
O
T =25°C
V
=1.8V
MODE=GND
L =2.2 H
C
=10 F
A
OUT
O
m
m
1.74
1.76
1.78
1.8
1.82
1.84
1.86
1.88
0.01
0.1
1
10
100
1000
I
– OutputCurrent – mA
O
T = –40 C
V
=1.8V
MODE=GND
L =2.2 H
C =10 F
A
OUT
O
°
m
m
TPS62260, TPS62261
TPS62262, TPS62263
www.ti.com
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
OUTPUT VOLTAGE ACCURACY
OUTPUT VOLTAGE ACCURACY (Power Save Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 7.
Figure 8.
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263


Similar Part No. - TPS62262DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62262DRVT TI-TPS62262DRVT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVT TI-TPS62262DRVT Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVTG4 TI-TPS62262DRVTG4 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results

Similar Description - TPS62262DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com