Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62262DRVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62262DRVT
Description  2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62262DRVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS62262DRVT Datasheet HTML 1Page - Texas Instruments TPS62262DRVT Datasheet HTML 2Page - Texas Instruments TPS62262DRVT Datasheet HTML 3Page - Texas Instruments TPS62262DRVT Datasheet HTML 4Page - Texas Instruments TPS62262DRVT Datasheet HTML 5Page - Texas Instruments TPS62262DRVT Datasheet HTML 6Page - Texas Instruments TPS62262DRVT Datasheet HTML 7Page - Texas Instruments TPS62262DRVT Datasheet HTML 8Page - Texas Instruments TPS62262DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS62260, TPS62261
TPS62262, TPS62263
SLVS763D
– JUNE 2007 – REVISED FEBRUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
OUTPUT
PACKAGE
PACKAGE
TA
PART NUMBER
PACKAGE(2)
MODE PIN
VOLTAGE(1)
DESIGNATOR
MARKING
QFN 2x2-6
DRV
Yes
BYK
TPS62260
Adjustable
TSOT-23 5
DDC
No, PFM/PWM
BYP
auto transition
TPS62261
1.8V fixed
QFN 2x2-6
DRV
Yes
BYL
–40°C to 85°C
QFN 2x2-6
DRV
Yes
BYM
TPS62262
1.2V fixed
TSOT-23 5
DDC
No, PFM/PWM
QXS
auto transition
TPS62263
2.5V fixed
QFN 2x2-6
DRV
Yes
CFX
(1)
Contact TI for other fixed output voltage options
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Input voltage range(2)
–0.3 to 7
Voltage range at EN, MODE
–0.3 to VIN +0.3, ≤ 7
V
Voltage on SW
–0.3 to 7
Peak output current
Internally limited
A
HBM Human body model
2
kV
ESD rating(3)
CDM Charge device model
1
Machine model
200
V
TJ
Maximum operating junction temperature
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
DISSIPATION RATINGS
PACKAGE
RθJA
POWER RATING FOR TA ≤ 25°C
DERATING FACTOR ABOVE TA = 25°C
DRV
76
°C/W
1300 mW
13 mW/
°C
DDC
250/
°C
400 mW
4 mW/
°C
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Supply voltage
2
6
V
Output voltage range for adjustable voltage
0.6
VIN
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Submit Documentation Feedback
© 2007–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62260 TPS62261 TPS62262 TPS62263


Similar Part No. - TPS62262DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62262DRVT TI-TPS62262DRVT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVT TI-TPS62262DRVT Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DRVTG4 TI-TPS62262DRVTG4 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results

Similar Description - TPS62262DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62560 TI-TPS62560 Datasheet
1Mb / 29P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62404-Q1 TI1-TPS62404-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62240 TI-TPS62240 Datasheet
1Mb / 29P
[Old version datasheet]   2.25 MHz 300 mA Step Down Converter in 2x2SON/TSOT23 Package
TPS62242-Q1 TI1-TPS62242-Q1 Datasheet
700Kb / 21P
[Old version datasheet]   2.25-MHz 300-mA Step-Down Converter in DDC/TSOT23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com