Electronic Components Datasheet Search |
|
SRR1240-1R0Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
SRR1240-1R0Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page SRR1240 Series - Shielded SMD Power Inductors Inductance 100 kHz Q Test SRF RDC I rms I sat Bourns Part No. (µH) Tol. % Typ. Frequency Typ. Max. Max. Typ. (MHz) (MHz) (mΩ) (A) (A) SRR1240-1R0Y 1.0 ± 30 10 7.96 85 7.0 9.30 9.20 SRR1240-1R5Y 1.5 ± 30 16 7.96 80 9.5 9.20 9.00 SRR1240-2R4Y 2.4 ± 30 10 7.96 54 11.5 8.00 7.80 SRR1240-3R3Y 3.3 ± 30 14 7.96 43 15.0 6.80 6.50 SRR1240-3R9Y 3.9 ± 30 14 7.96 39 15.0 6.35 6.20 SRR1240-4R7M 4.7 ± 20 16 7.96 33 18.0 6.00 5.60 SRR1240-5R6M 5.6 ± 20 14 7.96 35 20.0 5.40 5.10 SRR1240-6R8M 6.8 ± 20 14 7.96 34 23.0 5.20 4.70 SRR1240-8R2M 8.2 ± 20 10 7.96 32 27.0 4.50 4.30 SRR1240-100M 10.0 ± 20 17 2.52 27 32.0 4.00 4.00 SRR1240-120M 12.0 ± 20 16 2.52 25 38.0 3.80 3.60 SRR1240-150M 15.0 ± 20 16 2.52 22 47.0 3.50 3.20 SRR1240-180M 18.0 ± 20 14 2.52 20 55.0 3.20 3.00 SRR1240-220M 22.0 ± 20 18 2.52 16 67.5 3.00 2.60 SRR1240-270M 27.0 ± 20 16 2.52 15.5 85.0 2.55 2.35 SRR1240-330M 33.0 ± 20 19 2.52 15 97.0 2.30 2.10 SRR1240-390M 39.0 ± 20 14 2.52 14 120.0 2.15 2.00 SRR1240-470M 47.0 ± 20 19 2.52 13 135.0 2.00 1.80 SRR1240-560M 56.0 ± 20 16 2.52 12 170.0 1.80 1.65 SRR1240-680M 68.0 ± 20 19 2.52 11 200.0 1.50 1.50 SRR1240-820M 82.0 ± 20 16 2.52 10 250.0 1.35 1.35 SRR1240-101M 100.0 ± 20 14 0.796 8 300.0 1.25 1.20 SRR1240-121K 120.0 ± 10 12 0.796 7.8 370.0 1.20 1.15 SRR1240-151K 150.0 ± 10 12 0.796 7.5 440.0 1.10 1.05 SRR1240-181K 180.0 ± 10 12 0.796 7.0 550.0 0.98 0.95 SRR1240-221K 220.0 ± 10 12 0.796 6.6 660.0 0.92 0.90 SRR1240-271K 270.0 ± 10 10 0.796 6.0 780.0 0.80 0.80 SRR1240-331K 330.0 ± 10 12 0.796 5.5 950.0 0.75 0.75 SRR1240-391K 390.0 ± 10 12 0.796 5.0 1150.0 0.70 0.65 SRR1240-471K 470.0 ± 10 12 0.796 4.5 1350.0 0.62 0.60 SRR1240-561K 560.0 ± 10 12 0.796 4.0 1500.0 0.55 0.52 SRR1240-681K 680.0 ± 10 14 0.796 3.8 2000.0 0.50 0.48 SRR1240-821K 820.0 ± 10 10 0.796 3.5 2400.0 0.45 0.42 SRR1240-102K 1000.0 ± 10 16 0.252 2.8 3000.0 0.42 0.40 Features ■ Available in E12 values ■ Height of 4.5 mm maximum ■ Current rating to 9.3 amps ■ RoHS compliant* Applications ■ Input/output of DC/DC converters ■ Power supplies for: • Portable communication equipment • Camcorders • LCD TVs • Car radios Electrical Specifications Product Dimensions Recommended Layout 100 12.5 ± 0.3 (.492 ± .012) 12.5 ± 0.3 (.492 ± .012) 4.0 ± 0.5 (.157 ± .020) 5.0 ± 0.3 (.197 ± .012) 7.0 (.276) TYP. General Specifications Test Voltage .....................................0.1 V Reflow Soldering ...230 °C, 50 sec. max. Operating Temperature ..-40 °C to +125 °C (Temperature rise included) Storage Temperature..-40 °C to +125 °C Resistance to Soldering Heat ................................260 °C for 10 sec. Materials Core ............................Ferrite DR and RI Wire .............Enameled copper wire 130 Terminal.....................................Cu/Ni/Sn Rated Current ....................Ind. drop 25 % typ. at Isat Temperature Rise ..................40 °C max. at rated Irms Packaging ....................800 pcs. per reel Electrical Schematic DIMENSIONS: MM (INCHES) 2.9 (.114) REF. 2.9 (.114) REF. 5.4 (.213) REF. 6.8 (.268) REF. *RoHS Directive 2002/95/EC Jan 27, 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. |
Similar Part No. - SRR1240-1R0Y |
|
Similar Description - SRR1240-1R0Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |