Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKJBS-3-0-W Datasheet(PDF) 7 Page - ITT Industries

Part # MKJBS-3-0-W
Description  Selector Guide
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

MKJBS-3-0-W Datasheet(HTML) 7 Page - ITT Industries

Back Button MKJBS-3-0-W Datasheet HTML 3Page - ITT Industries MKJBS-3-0-W Datasheet HTML 4Page - ITT Industries MKJBS-3-0-W Datasheet HTML 5Page - ITT Industries MKJBS-3-0-W Datasheet HTML 6Page - ITT Industries MKJBS-3-0-W Datasheet HTML 7Page - ITT Industries MKJBS-3-0-W Datasheet HTML 8Page - ITT Industries MKJBS-3-0-W Datasheet HTML 9Page - ITT Industries MKJBS-3-0-W Datasheet HTML 10Page - ITT Industries MKJBS-3-0-W Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
B-7
www.ittcannon.com
Dimensions shown in inches (mm)
Specifications and dimensions subject to change
B
Nemesis Water Tight
NEM-WT
How to Order
NEM
-
WTSB
-7
14
SN
T
-
XXX
B
Product
NEM-WT
SB
SB
BY
BY
PP
PP
Snap-on/Breakaway
Bayonet (contact sales)
Push Pull
Coupling Style:
1
6
7
8
Free Receptacle
Plug
Jam Nut Receptacle**
90° right angle plug (contact sales)
Shell Style:
P
S
Pin Contact
Socket Contact
Contact Type:
N
N
A, B, C & D A, B, C & D
Normal
Alternatives
Polarising Positions:
C
C***
T
Crimp Contacts
Straight PCB Tails
Termination Type:
B
B
N
N
Black Zinc Nickel
Electroless Nickel
Finish Code:
For the full range of plating options, contact sales.
* 7, 14 & 19 way connectors use the same colour coding system but have different polarization. Where duplicate contact layouts are required on the same
equipment it is recommended different polarization is used.
** Requires special tool, part number T4909/01.
*** Crimp contacts for free receptacle only.
If less contact pins are required than is available it is possible to supply partially populated connectors on large volume requirements, contact sales for availability.
XXX
XXX
Contact Sales for Wire and Cable Options
Termination Code:
7
7
14
14
19
19
37
37
40
40
55
55
Contact Sales for Availability
Contact Sales for Availability
Contact Sales for Availability
Contact Arrangement:
Plug
Receptacle


Similar Part No. - MKJBS-3-0-W

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MKJ ITT-MKJ Datasheet
4Mb / 31P
   MKJ Series Connectors
More results

Similar Description - MKJBS-3-0-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM14ML1S18 ETC2-SM14ML1S18 Datasheet
393Kb / 8P
   Contact selector guide
logo
CTS Corporation
RT116B7 CTS-RT116B7 Datasheet
70Kb / 2P
   Configuration Selector Guide
logo
Silicon Laboratories
SI5374B-A-GL SILABS-SI5374B-A-GL Datasheet
1Mb / 20P
   Timing Selector Guide
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
597-7701-507F DIALIGHT-597-7701-507F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
logo
Microchip Technology
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Dialight Corporation
598-8070-102F DIALIGHT-598-8070-102F Datasheet
1Mb / 16P
   Surface Mount LED Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com