Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5253BRU100 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5253BRU100
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253BRU100 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5253BRU100 Datasheet HTML 3Page - Analog Devices AD5253BRU100 Datasheet HTML 4Page - Analog Devices AD5253BRU100 Datasheet HTML 5Page - Analog Devices AD5253BRU100 Datasheet HTML 6Page - Analog Devices AD5253BRU100 Datasheet HTML 7Page - Analog Devices AD5253BRU100 Datasheet HTML 8Page - Analog Devices AD5253BRU100 Datasheet HTML 9Page - Analog Devices AD5253BRU100 Datasheet HTML 10Page - Analog Devices AD5253BRU100 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD5253/AD5254
Rev. C | Page 7 of 32
INTERFACE TIMING CHARACTERISTICS
All input control voltages are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V. Switching
characteristics are measured using both VDD = 3 V and 5 V.
Table 3.
Parameter1
Symbol
Conditions
Min
Typ2
Max
Unit
INTERFACE TIMING
SCL Clock Frequency
fSCL
400
kHz
tBUF Bus-Free Time Between Stop and Start
t1
1.3
μs
tHD;STA Hold Time (Repeated Start)
t2
After this period, the first clock pulse is
generated.
0.6
μs
tLOW Low Period of SCL Clock
t3
1.3
μs
tHIGH High Period of SCL Clock
t4
0.6
μs
tSU;STA Set-up Time for Start Condition
t5
0.6
μs
tHD;DAT Data Hold Time
t6
0
0.9
μs
tSU;DAT Data Set-up Time
t7
100
ns
tF Fall Time of Both SDA and SCL Signals
t8
300
ns
tR Rise Time of Both SDA and SCL Signals
t9
300
ns
tSU;STO Set-up Time for Stop Condition
t10
0.6
μs
EEMEM Data Storing Time
tEEMEM_STORE
26
ms
EEMEM Data Restoring Time at Power-On3
tEEMEM_RESTORE1
VDD rise time dependent. Measure without
decoupling capacitors at VDD and VSS.
300
μs
EEMEM Data Restoring Time upon Restore
Command or Reset Operation3
tEEMEM_RESTORE2
VDD = 5 V.
300
μs
EEMEM Data Rewritable Time4
tEEMEM_REWRITE
540
μs
FLASH/EE MEMORY RELIABILITY
Endurance5
100
K cycles
Data Retention6, 7
100
Years
1 See Figure 23 for location of measured values.
2 Typical values represent average readings at 25°C and VDD = 5 V.
3 During power-up, all outputs are preset to midscale before restoring the EEMEM contents. RDAC0 has the shortest EEMEM restore time, whereas RDAC3 has the longest.
4 Delay time after power-on or reset before new EEMEM data to be written.
5 Endurance is qualified to 100,000 cycles per JEDEC Std. 22 Method A117 and measured at –40°C, +25°C, and +105°C; typical endurance at +25°C is 700,000 cycles.
6 Retention lifetime equivalent at junction temperature TJ = 55°C per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6 eV derates
with junction temperature.
7 When the part is not in operation, the SDA and SCL pins should be pulled high. When these pins are pulled low, the I2C interface at these pins conducts a current of
about 0.8 mA at VDD = 5.5 V and 0.2 mA at VDD = 2.7 V.


Similar Part No. - AD5253BRU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253BRU100 AD-AD5253BRU100 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU100 AD-AD5253BRU100 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253BRU100-RL7 AD-AD5253BRU100-RL7 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253BRU100-RL7 AD-AD5253BRU100-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

Similar Description - AD5253BRU100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com