Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRU3011-4R7Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU3011-4R7Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU3011-4R7Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU3011-4R7Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU3011-4R7Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
3.3 ± 0.2
(.130 ± .008)
3.5 ± 0.2
(.138 ± .008)
1.1 ± 0.1
(.043 ± .004)
TYP.
TYP.
0.5
(.020)
TYP.
2.30
(.091)
0.5
(.020)
TYP.
1.1
(.043)
4.2
(.165)
1.8
(.071)
REF.
REF.
REF.
1.3
(.051)
REF.
1.2
(.047)
Flux Density Bp-p (gauss)
100
10
100
1000
1 MHz
500 KHz
300 KHz
200 KHz
100 KHz
50 KHz
10000
1
0.1
0.01
Features
Available in E6 series
Unit height of 1.1 mm
Current up to 1.1 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRU3011 Series - Shielded SMD Power Inductors
Electrical Specifications
Product Dimensions
Recommended Layout
DIMENSIONS:
MM
(INCHES)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Schematic
Inductor Connection
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x
Δ I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot.
Core Loss vs. Flux Density
Test Voltage ....................................0.1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
............................. +260 °C for 10 sec.
General Specifications
Core....................Ferrite DR and RI core
Wire ............................Enameled copper
Terminal ....................................Ag/Ni/Sn
Rated Current
................... Ind. drop 35 % typ. at Isat
Temperature Rise
.....................40 °C max. at rated Irms
Packaging.................. 1500 pcs. per reel
Materials
D
Bourns
Part No.
Inductance
100 KHz
Q
Ref.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
RDC
(m
Ω)
Irms
Max.
(A)
Isat
Typ.
(A)
Marking
**K-
Factor
(µH)
Tol.
%
SRU3011-1R5Y
1.5
±30
7
7.96
180
57
1.10
1.00
A
1698
SRU3011-2R2Y
2.2
±30
7
7.96
150
80
0.92
0.90
B
1498
SRU3011-3R3Y
3.3
±30
8
7.96
120
116
0.84
0.78
C
1213
SRU3011-4R7Y
4.7
±30
8
7.96
90
178
0.63
0.62
D
943
SRU3011-6R8Y
6.8
±30
7
7.96
85
245
0.50
0.46
E
821
SRU3011-100Y
10.0
±30
8
2.52
60
340
0.40
0.35
F
653


Similar Part No. - SRU3011-4R7Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU3014 BOURNS-SRU3014 Datasheet
251Kb / 2P
   Shielded SMD Power Inductors
SRU3014-100Y BOURNS-SRU3014-100Y Datasheet
251Kb / 2P
   Shielded SMD Power Inductors
SRU3014-150Y BOURNS-SRU3014-150Y Datasheet
251Kb / 2P
   Shielded SMD Power Inductors
SRU3014-1R2Y BOURNS-SRU3014-1R2Y Datasheet
251Kb / 2P
   Shielded SMD Power Inductors
SRU3014-1R5Y BOURNS-SRU3014-1R5Y Datasheet
251Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU3011-4R7Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com