Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8314ACP-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8314ACP-REEL
Description  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8314ACP-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD8314ACP-REEL Datasheet HTML 1Page - Analog Devices AD8314ACP-REEL Datasheet HTML 2Page - Analog Devices AD8314ACP-REEL Datasheet HTML 3Page - Analog Devices AD8314ACP-REEL Datasheet HTML 4Page - Analog Devices AD8314ACP-REEL Datasheet HTML 5Page - Analog Devices AD8314ACP-REEL Datasheet HTML 6Page - Analog Devices AD8314ACP-REEL Datasheet HTML 7Page - Analog Devices AD8314ACP-REEL Datasheet HTML 8Page - Analog Devices AD8314ACP-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD8314
Rev. B | Page 5 of 20
PIN CONFIGURATION
S AND FUNCTION DESCRIPTIONS
RFIN 1
ENBL 2
VSET 3
FLTR 4
VPOS
8
V_DN
7
V_UP
6
COMM
5
AD8314
TOP VIEW
(Not to Scale)
Figure 2. RM-8 Pin Configuration
1
RFIN
2
ENBL
3
VSET
4
FLTR
8VPOS
7V_DN
5V_UP
5COMM
TOP VIEW
(Not to Scale)
AD8314
Figure 3. CP-8-1 Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input.
2
ENBL
Connect Pin to VS for Normal Operation. Connect pin to ground for disable mode.
3
VSET
Setpoint Input for Operation in Controller Mode. To operate in detector mode connect VSET to V_UP.
4
FLTR
Connection for an External Capacitor to Slow the Response of the Output. Capacitor is connected between
FLTR and V_UP.
5
COMM
Device Common (Ground)
6
V_UP
Logarithmic Output. Output voltage increases with increasing input amplitude.
7
V_DN
Inversion of V_UP, Governed by: V_DN = 2.25 V − 2 × VUP.
8
VPOS
Positive Supply Voltage (VS), 2.7 V to 5.5 V.


Similar Part No. - AD8314ACP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314ACP-REEL AD-AD8314ACP-REEL Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314ACP-REEL7 AD-AD8314ACP-REEL7 Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
More results

Similar Description - AD8314ACP-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8314 AD-AD8314_15 Datasheet
492Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8314 AD-AD8314_06 Datasheet
495Kb / 20P
   100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
REV. B
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
AD8314 AD-AD8314 Datasheet
274Kb / 16P
   100 MHz-2500 MHz 45 dB RF Detector/Controller
REV. 0
AD8312 AD-AD8312_15 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. A
AD8312 AD-AD8312_05 Datasheet
1Mb / 20P
   50 MHz to 3.5 GHz, 45 dB RF Detector
REV. 0
ADL5506 AD-ADL5506 Datasheet
1Mb / 24P
   30 MHz to 4.5 GHz, 45 dB RF Detector
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
AD8317 AD-AD8317 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 50 dB Log Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com