Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8614ART-REEL Datasheet(PDF) 2 Page - Analog Devices

Part # AD8614ART-REEL
Description  Single and Quad 18 V Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8614ART-REEL Datasheet(HTML) 2 Page - Analog Devices

  AD8614ART-REEL Datasheet HTML 1Page - Analog Devices AD8614ART-REEL Datasheet HTML 2Page - Analog Devices AD8614ART-REEL Datasheet HTML 3Page - Analog Devices AD8614ART-REEL Datasheet HTML 4Page - Analog Devices AD8614ART-REEL Datasheet HTML 5Page - Analog Devices AD8614ART-REEL Datasheet HTML 6Page - Analog Devices AD8614ART-REEL Datasheet HTML 7Page - Analog Devices AD8614ART-REEL Datasheet HTML 8Page - Analog Devices AD8614ART-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD8614/AD8644
Rev. B | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Pin Configurations ........................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Typical Performance Characteristics ............................................. 5
Theory of Operation ........................................................................ 9
Output Short-Circuit Protection.................................................9
Input Overvoltage Protection ................................................... 10
Output Phase Reversal............................................................... 10
Power Dissipation....................................................................... 10
Unused Amplifiers ..................................................................... 10
Capacitive Load Drive ............................................................... 11
Direct Access Arrangement ...................................................... 11
A One-Chip Headphone/Microphone Preamplifier
Solution........................................................................................ 11
Outline Dimensions ....................................................................... 13
Ordering Guide .......................................................................... 14
REVISION HISTORY
9/07—Rev. A to Rev B
Change to Current Noise Density in Table 1 ................................ 3
12/06—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Deleted SPICE Model Availability Section.................................. 12
Updated Outline Dimensions ....................................................... 13
Changes to Ordering Guide .......................................................... 14
10/99—Revision 0: Initial Version


Similar Part No. - AD8614ART-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8614ART-REEL AD-AD8614ART-REEL Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
AD8614ART-REEL7 AD-AD8614ART-REEL7 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
More results

Similar Description - AD8614ART-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8614 AD-AD8614 Datasheet
303Kb / 8P
   Single and Quad 18 V Operational Amplifiers
REV. 0
AD8644 AD-AD8644_15 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
REV. B
AD8614 AD-AD8614_07 Datasheet
339Kb / 16P
   Single and Quad 18 V Operational Amplifiers
Rev. B
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
logo
ON Semiconductor
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com