Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRU5018-100Y Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SRU5018-100Y
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRU5018-100Y Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SRU5018-100Y Datasheet HTML 1Page - Bourns Electronic Solutions SRU5018-100Y Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LCR METER
5.2 ± 0.2
(.205 ± .008)
1.8 ± 0.2
(.071 ± .008)
5.2 ± 0.2
(.205 ± .008)
3.9
(.154)
TYP.
TYP.
1.7
(.067)
TYP.
1.8
(.071)
TYP.
1.7
(.067)
Flux Density Bp-p (gauss)
100
1000
10
100
1000
1 MHz
500 KHz
300 KHz
200 KHz
100 KHz
50 KHz
10000
1
0.1
0.01
Features
Available in E6 series
Unit height of 1.8 mm
Current up to 2.8 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
SRU5018 Series - Shielded SMD Power Inductors
Electrical Specifications
Product Dimensions
Recommended Layout
* RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data
sheet can and do vary in different applications and
actual device performance may vary over time.
Users should verify actual device performance in their
specific applications.
Electrical Schematic
Inductor Connection
**K-Factor: To calculate core flux density, Bp-p (gauss) = K x L(µH) x
Δ I (peak-to-peak ripple current, A),
determine core loss from Core Loss vs. Flux Density plot.
Core Loss vs. Flux Density
Test Voltage ....................................0.1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temp. .........-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
............................. +260 °C for 10 sec.
General Specifications
Core....................Ferrite DR and RI core
Wire ............................Enameled copper
Terminal ....................................Ag/Ni/Sn
Rated Current..Ind. drop 35 % typ. at Isat
Temperature Rise
.....................30 °C max. at rated Irms
Packaging.................. 1000 pcs. per reel
Materials
470
Bourns
Part Number
Inductance
@ 100 KHz
Q
Ref.
Test
Freq.
(MHz)
SRF
Min.
(MHz)
RDC
.(m
Ω)
I rms
Max.
(A)
I sat
Typ.
(A)
**K-
Factor
L (µH)
Tol.
(%)
SRU5018-1R0Y
1.0
±30
9
7.96
200
12.5
2.80
2.85
1105
SRU5018-1R5Y
1.5
±30
9
7.96
160
15.5
2.50
2.40
904
SRU5018-2R2Y
2.2
±30
10
7.96
130
20.5
2.30
2.10
765
SRU5018-3R5Y
3.5
±30
9
7.96
90
32.0
2.10
1.70
585
SRU5018-4R7Y
4.7
±30
8.5
7.96
80
36.0
2.00
1.55
524
SRU5018-6R8Y
6.8
±30
7.5
7.96
60
50.0
1.45
1.20
432
SRU5018-100Y
10.0
±30
12
2.52
50
65.0
1.25
1.05
368
SRU5018-150Y
15.0
±30
12
2.52
40
100.0
0.95
0.80
301
SRU5018-220Y
22.0
±30
12
2.52
28
160.0
0.68
0.65
243
SRU5018-330Y
33.0
±30
13
2.52
23
220.0
0.66
0.56
195
SRU5018-470Y
47.0
±30
13
2.52
18
330.0
0.54
0.45
163
SRU5018-680Y
68.0
±30
12
2.52
16
480.0
0.37
0.36
140
SRU5018-101Y
100.0
±30
15
0.796
15
620.0
0.32
0.31
117
3.7
(.146)
1.1
(.043)
1.1
(.043)
2.0
(.079)
REF.
REF.
REF.
3.7
(.146)
1.1
(.043)
1.1
(.043)
REF.
REF.
REF.
REF.
2.0
(.079)
REF.
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SRU5018-100Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018-100Y BOURNS-SRU5018-100Y Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
More results

Similar Description - SRU5018-100Y

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com