Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL008K0XMFI043 Datasheet(PDF) 10 Page - SPANSION

Part # S25FL008K0XMFI043
Description  8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL008K0XMFI043 Datasheet(HTML) 10 Page - SPANSION

Back Button S25FL008K0XMFI043 Datasheet HTML 6Page - SPANSION S25FL008K0XMFI043 Datasheet HTML 7Page - SPANSION S25FL008K0XMFI043 Datasheet HTML 8Page - SPANSION S25FL008K0XMFI043 Datasheet HTML 9Page - SPANSION S25FL008K0XMFI043 Datasheet HTML 10Page - SPANSION S25FL008K0XMFI043 Datasheet HTML 11Page - SPANSION S25FL008K0XMFI043 Datasheet HTML 12Page - SPANSION S25FL008K0XMFI043 Datasheet HTML 13Page - SPANSION S25FL008K0XMFI043 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
S25FL008K
S25FL008K_00_02 October 14, 2010
D a ta
Sheet
(Prel i m i nar y)
4.
Ordering Information
The ordering part number is formed by a valid combination of the following:
4.1
Valid Combinations
Table 4.1 lists the valid combinations configurations planned to be supported in volume for this device.
S25FL
008
K
0X
M
F
I
01
1
Packing Type
0
=
Tray
1
=
Tube
3
=
13” Tape and Reel
Model Number (Additional Ordering Options)
01
=
8-pin SO package (208 mil)
04
=
8-pin SO package (150 mil)
Temperature Range
I
=
Industrial (–40°C to +85°C)
Package Materials
F
=
Lead (Pb)-free
Package Type
M
=
8-pin SO package
Speed
0X
=
104 MHz
Device Technology
K
=
0.09 µm process technology
Density
008 =
8 Mbit
Device Family
S25FL
Spansion Memory 3.0 Volt-only, Serial Peripheral Interface (SPI) Flash Memory
Table 4.1 S25FL008K Valid Combinations
S25FL008K Valid Combinations
Package Marking
Base Ordering
Part Number
Speed Option
Package &
Temperature
Model
Number
Packing Type
S25FL008K
0X
MFI
01, 04
0, 1, 3
FL008KIF


Similar Part No. - S25FL008K0XMFI043

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMAI000 SPANSION-S25FL008A0LMAI000 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMAI001 SPANSION-S25FL008A0LMAI001 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMAI003 SPANSION-S25FL008A0LMAI003 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL008A0LMFI000 SPANSION-S25FL008A0LMFI000 Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL008K0XMFI043

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com