Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCX2202 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NCX2202
Description  Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NCX2202 Datasheet(HTML) 2 Page - NXP Semiconductors

  NCX2202 Datasheet HTML 1Page - NXP Semiconductors NCX2202 Datasheet HTML 2Page - NXP Semiconductors NCX2202 Datasheet HTML 3Page - NXP Semiconductors NCX2202 Datasheet HTML 4Page - NXP Semiconductors NCX2202 Datasheet HTML 5Page - NXP Semiconductors NCX2202 Datasheet HTML 6Page - NXP Semiconductors NCX2202 Datasheet HTML 7Page - NXP Semiconductors NCX2202 Datasheet HTML 8Page - NXP Semiconductors NCX2202 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NCX2202
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 30 October 2012
2 of 15
NXP Semiconductors
NCX2202
Low voltage comparator; open-drain output
4.
Ordering information
5.
Marking
[1]
The pin 1 indicator is located on the lower left corner of the device, below the marking code.
6.
Functional diagram
7.
Pinning information
7.1 Pinning
Table 1.
Ordering information
Type number
Package
Temperature
range
Name
Description
Version
NCX2202GW
40 C to +85 C
TSSOP5
plastic thin shrink small outline package; 5 leads;
body width 1.25 mm
SOT353-1
NCX2202GM
40 C to +85 C
XSON6
plastic extremely thin small outline package; no leads;
6 terminals; body 1
 1.45  0.5 mm
SOT886
Table 2.
Marking codes
Type number
Marking[1]
NCX2202GW
qa
NCX2202GM
qa
Fig 1.
Logic symbol
aaa-000063
OUT
IN+
IN-
1
3
4
Fig 2.
Pin configuration SOT353-1
Fig 3.
Pin configuration SOT886
NCX2202
Transparent top view
OUT
VCC
VEE
IN+
IN-
aaa-000064
1
2
3
5
4
NCX2202
VEE
aaa-000065
OUT
IN+
n.c.
VCC
IN-
Transparent top view
2
3
1
5
4
6


Similar Part No. - NCX2202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
More results

Similar Description - NCX2202

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX2222 PHILIPS-NCX2222_15 Datasheet
580Kb / 18P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2222 NXP-NCX2222 Datasheet
594Kb / 19P
   Low voltage comparator; open-drain output
Rev. 1-20 December 2012
NCX2202 PHILIPS-NCX2202_15 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output
Rev. 5-30 October 2012
74LVC1G06GW125 PHILIPS-74LVC1G06GW125 Datasheet
352Kb / 18P
   Inverter with open-drain output Rev. 10 ??29 June 2012
Rev. 10-29 June 2012
logo
SG Micro Corp
SGM8702 SGMICRO-SGM8702 Datasheet
349Kb / 14P
   Open Drain Output Comparator
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
   General Purpose, Low Voltage Comparator with Open-Drain Output
logo
Microchip Technology
MCP6566 MICROCHIP-MCP6566 Datasheet
778Kb / 44P
   1.8V Low Power Open-Drain Output Comparator
2009
MCP6566 MICROCHIP-MCP6566_11 Datasheet
806Kb / 46P
   1.8V Low-Power Open-Drain Output Comparator
2011
MCP6566 MICROCHIP-MCP6566_13 Datasheet
1Mb / 48P
   1.8V Low-Power Open-Drain Output Comparator
2009-2013
logo
AiT Semiconductor Inc.
AO331 AITSEMI-AO331 Datasheet
1Mb / 11P
   OPEN-DRAIN OUTPUT LOW POWER CMOS SINGLE COMPARATOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com