Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QSH-120-01-H-D-TR Datasheet(PDF) 1 Page - Samtec, Inc

Part # QSH-120-01-H-D-TR
Description  .5mm DOUBLE ROW HS SOCKET ASSEMBLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QSH-120-01-H-D-TR Datasheet(HTML) 1 Page - Samtec, Inc

  QSH-120-01-H-D-TR Datasheet HTML 1Page - Samtec, Inc QSH-120-01-H-D-TR Datasheet HTML 2Page - Samtec, Inc QSH-120-01-H-D-TR Datasheet HTML 3Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DO NOT
SCALE FROM
THIS PRINT
.120
REF
3.05
.725
REF
18.42
.0550 1.397
.010
REF
0.25
((No OF POSITIONS / 30) x .7875[20.003]) + .005[.13]
"A"
"A"
-LC: LOCKING CLIP OPTION SHOWN
T-1G2-01-X
LC-08-TM-01
QSH-30-01-D-XX
FIG. 1
.245
REF
6.22
.285 7.24
REF
.150
REF
3.81
.006
REF
0.15
.626
REF
15.89
((No OF POSITIONS / 30) x .7875[20.003] + "A")
.036
REF
0.92
x .01965[.500]
29 EQ. SPACES
.7875
(TYP)
20.003
C3
02
01
QSH-XXX-01-X-D-XXX
No OF POSITIONS
-030, -060, -090,
*-120,* -150
(PER ROW)
ROW SPECIFICATION
-D: DOUBLE (USE QSH-30-01-D-XX)
OPTION
-A: ALIGNMENT PINS
(USE QSH-30-01-D-XX-A,
SEE FIG. 2)
-LC: LOCKING CLIPS
(USE LC-08-TM-01)
-GP: GUIDE POSTS
(USE QSH-30-01-D-XX-X-GP)
(SEE FIG. 4, SHEET 3)
(TAPE & REEL FOR -GP, 60 POS MAX)
-K: POLYIMIDE FILM PAD
(USE K-DOT-.325-.450-.005, SEE FIG. 3)
-TR: TAPE & REEL (90 POS MAX)
-FL: FRICTION LOCKS
(SEE FIG. 5, SHEET 3)
(NOT AVAILABLE WITH -GP)
-RT1: RETENTION (MUST USE -A OPTION)
(USE QSH-30-01-D-XX-A-RT1
& SUB-SC-05-01-FF) (SEE FIG. 6, SHEET 3)
(NOT AVAILABLE WITH -LC, -GP, OR -FL)
(NOT AVAILABLE WITH -120 & -150 POS)
PLATING SPECIFICATION
-F: FLASH SELECTIVE GOLD WITH
MATTE TIN TAILS
(USE C-126-21-F, T-1G2-01-F)
(SEE NOTE 8 & 10)
-L: LIGHT SELECTIVE GOLD WITH
MATTE TIN TAILS
(USE C-126-21-L, T-1G2-01-L)
(SEE NOTE 10)
-H: HEAVY GOLD
(USE C-126-21-H, T-1G2-01-G)
(SEE NOTE 10)
-C: ELECTRO-POLISHED SELECTIVE
(USE C-126-21-C, T-1G2-01-L)
(SEE NOTE 10)
LEAD STYLE
-01: .1280[3.25]
No OF BANKS
.1280-.0010
+.0030 3.251
-0.025
+0.076
.2950
REF
7.493
.070
REF
1.77
.007
REF
0.18
SEE TABLE 1
SECTION "A"-"A"
C2
C1
(SEE NOTE 6 & 7)
.0375 0.953
REF
C
C-126-21-X
*SEE NOTE 11
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
TOLERANCES ARE:
DECIMALS
ANGLES
.XX: .01[.3]
2
.XXX: .005[.13]
.XXXX: .0020[.051]
MATERIAL:
.5mm DOUBLE ROW HS SOCKET ASSEMBLY
BY:
QSH-XXX-01-X-D-XXX
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
DEAN P
05/21/1999
3
1
SHEET SCALE: 1.5:1
INSULATOR: BLACK LCP
CONTACT & GROUND PLANE: PHOS BRONZE
c:\enterprisevault\DWG\MISC\MKTG\QSH-XXX-01-X-D-XXX-MKT.SLDDRW
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail: info@SAMTEC.com
code: 55322
NOTES:
1.
REPRESENTS A CRITICAL DIMENSION.
2. NOTE DELETED.
3. CONTACT RETENTION: 8 OZ. MINIMUM.
4. GROUND PLANE RETENTION: 8 OZ. MINIMUM.
5. BURR ALLOWANCE: .0015[.038] MAX.
6. MAX VARIANCE: .002[.05].
7. DIMENSION APPLIES TO CONTACT & GROUND PLANE.
8. -L PLATING CAN BE SUBSTITUTED FOR -F PLATING, -G PLATED GROUND
PLANE CAN BE SUBSTITUTED FOR -F PLATED GROUND PLANE.
9. SUB-SC-05-01-XX RETENTION TO BE 1.0 LBF IN BODY.
10. MAY SUB C-126-01 FOR C-126-21.
11. FOR NEW APPLICATIONS REQUIRING THESE POSITIONS, PLEASE
CONTACT SAMTEC INTERCONNECT PROCESSING GROUP.
REVISION AA


Similar Part No. - QSH-120-01-H-D-TR

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSH-020-01-L-D-DP-A SAMTEC-QSH-020-01-L-D-DP-A Datasheet
343Kb / 1P
   HIGH-SPEED GROUND PLANE SOCKET
QSH-030-01-L-D-A-K SAMTEC-QSH-030-01-L-D-A-K Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSH-040-01-L-D-DP-A SAMTEC-QSH-040-01-L-D-DP-A Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
QSH-060-01-L-D-A-K SAMTEC-QSH-060-01-L-D-A-K Datasheet
1Mb / 4P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
QSH-060-01-L-D-A-K-TR SAMTEC-QSH-060-01-L-D-A-K-TR Datasheet
1Mb / 1P
   HIGH SPEED GROUND PLANE SOCKET
More results

Similar Description - QSH-120-01-H-D-TR

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSH-060-01-L-D-A-K SAMTEC-QSH-060-01-L-D-A-K Datasheet
1Mb / 4P
   .5mm DOUBLE ROW HS SOCKET ASSEMBLY
LSH-050-01-G-D-A SAMTEC-LSH-050-01-G-D-A Datasheet
297Kb / 2P
   .5mm DOUBLE ROW SOCKET ASSEMBLY
QTH-030-02-L-D-A SAMTEC-QTH-030-02-L-D-A Datasheet
1Mb / 6P
   .5mm DOUBLE ROW HS TERMINAL ASSEMBLY
QSE-040-01-L-D-A SAMTEC-QSE-040-01-L-D-A Datasheet
798Kb / 5P
   .8mm DOUBLE ROW HS SOCKET ASSEMBLY
BSE-020-01-F-D-A SAMTEC-BSE-020-01-F-D-A Datasheet
171Kb / 1P
   .8mm DOUBLE ROW SOCKET ASSEMBLY
SFM-105-02-S-D SAMTEC-SFM-105-02-S-D Datasheet
184Kb / 1P
   050 X 050 SOCKET STRIP DOUBLE ROW ASSEMBLY
logo
Molex Electronics Ltd.
0355320305 MOLEX5-0355320305 Datasheet
147Kb / 2P
   Bulb Socket Double Housing Assembly, Unsealed, Gray
0355320306 MOLEX5-0355320306 Datasheet
147Kb / 2P
   Bulb Socket Double Housing Assembly, Unsealed, White
0355320301 MOLEX5-0355320301 Datasheet
147Kb / 2P
   Bulb Socket Double Housing Assembly, Unsealed, Black
logo
Samtec, Inc
QSE-EM SAMTEC-QSE-EM Datasheet
379Kb / 2P
   .8mm EDGE MOUNT HS SOCKET ASSEMBLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com