Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLFC322522T-470K-PF Datasheet(PDF) 2 Page - TDK Electronics

Part # NLFC322522T-470K-PF
Description  SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLFC322522T-470K-PF Datasheet(HTML) 2 Page - TDK Electronics

  NLFC322522T-470K-PF Datasheet HTML 1Page - TDK Electronics NLFC322522T-470K-PF Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(2/2)
003-02 / 20080702 / e531_nlfc3225.fm
• All specifications are subject to change without notice.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 20°C or when DC current flows and the initial value of inductance has
fallen by 10%, whichever is smaller.
• Test equipment
L, Q: YHP4194A IMPEDANCE ANALYZER+YHP16085A+YHP16093B+TF-1, or equivalent
SRF: HP8753C NETWORK ANALYZER (Zin=Zout=50
Ω), or equivalent
Rdc: MATSUSHITA VP-2941A DIGITAL MILLIOHM METER, or equivalent
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
IMPEDANCE vs. FREQUENCY CHARACTERISTICS
Inductance
(µH)
Inductance
tolerance
Q
ref.
Test frequency
L, Q (MHz)
Self-resonant frequency
(MHz)min.
DC resistance
(
Ω)±30%
Rated current
(mA)max.
Part No.
1
±20%
5
7.96
100
0.06
500
NLFC322522T-1R0M-PF
1.5
±20%
5
7.96
80
0.08
400
NLFC322522T-1R5M-PF
2.2
±20%
5
7.96
68
0.09
340
NLFC322522T-2R2M-PF
3.3
±20%
5
7.96
54
0.11
270
NLFC322522T-3R3M-PF
4.7
±20%
5
7.96
46
0.13
240
NLFC322522T-4R7M-PF
6.8
±20%
5
7.96
38
0.17
195
NLFC322522T-6R8M-PF
10
±10%
10
2.52
30
0.26
165
NLFC322522T-100K-PF
15
±10%
10
2.52
26
0.32
145
NLFC322522T-150K-PF
22
±10%
10
2.52
21
0.5
115
NLFC322522T-220K-PF
33
±10%
10
2.52
17
0.75
95
NLFC322522T-330K-PF
47
±10%
10
2.52
14
0.95
85
NLFC322522T-470K-PF
68
±10%
10
2.52
12
1.5
70
NLFC322522T-680K-PF
100
±10%
10
0.796
10
2.5
55
NLFC322522T-101K-PF
150
±10%
10
0.796
8
3.2
45
NLFC322522T-151K-PF
220
±10%
10
0.796
7
5.4
35
NLFC322522T-221K-PF
330
±10%
10
0.796
5
7
30
NLFC322522T-331K-PF
470
±10%
10
0.796
4
16
25
NLFC322522T-471K-PF
680
±10%
10
0.796
3
20
20
NLFC322522T-681K-PF
1000
±10%
10
0.252
2.4
24
15
NLFC322522T-102K-PF
470
3.2
±0.2
2.5
±0.2
Terminal
electrode
(0.4)
1.9
±0.1
Weight: 50mg
Inductor
Solder land pattern
1.2
2
1.2
Dimensions in mm
DC current(mA)
110
30
3
300
100
1000
1
0.3
0.1
10
100
30
3
1000
300
100
µH
47
µH
10
µH
4.7
µH
1
µH
330
µH
A
L=5H
C=20000
µF
Test circuit
DC
Universal bridge
Specimen
YHP model-4275A
or equivalent
1
3
Frequency(MHz)
110
30
3
300
100
1000
0.1
0.03
0.01
10
0.3
100
30
330
µH
100
µH
47
µH
4.7
µH
10
µH
1
µH


Similar Part No. - NLFC322522T-470K-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLFC322522 TDK-NLFC322522 Datasheet
64Kb / 2P
   For Power Line SMD
More results

Similar Description - NLFC322522T-470K-PF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLCF5020T-1R8N2R0 TDK-VLCF5020T-1R8N2R0 Datasheet
39Kb / 1P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF4012AT-1R5M1R6 TDK-VLF4012AT-1R5M1R6 Datasheet
45Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010A TDK-VLF3010A Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLF3010AT-2R2M1R0 TDK-VLF3010AT-2R2M1R0 Datasheet
43Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS252012T-3R3MR99 TDK-VLS252012T-3R3MR99 Datasheet
49Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-2R2N TDK-VLC6045T-2R2N Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com