Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3005P-1-201Z Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3005P-1-201Z
Description  3/4 Rectangular Trimpot Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3005P-1-201Z Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3005P-1-201Z Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Multiturn / Wirewound / Industrial / Sealed
Sealed to prevent contamination from
fluxing, soldering and cleaning
Low cost model
■ Panel mount option available
RoHS compliant*
For trimmer applications/processing
guidelines, click here
3005 - 3/4 ” Rectangular Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
“Trimpot” is a registered trademark of Bourns, Inc.
†”Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
...................................... 10 to 50K ohms
(see standard resistance table)
Resistance Tolerance .............. ±10 % std.
(tighter tolerance available)
Absolute Minimum Resistance
............................0.5 % or 1 ohms max.
(whichever is greater)
Noise ........................ 100 ohms ENR max.
Resolution
................See standard resistance table
Insulation Resistance .................. 500 vdc.
100 megohms min.
Dielectric Strength
Sea Level.................................1,000 vac
80,000 Feet ................................250 vac
Adjustment Travel................20 turns nom.
Environmental Characteristics
Power Rating
70 °C..............................................1 watt
125 °C ...........................................0 watt
Temperature Range...... -65 °C to +125 °C
Temperature Coefficient
............................................ ±50 ppm/°C
Seal Test..........................85 °C Fluorinert†
Humidity.......... MIL-STD-202 Method 106
96 hours
(5 %
ΔTR, 20 megohms IR)
Vibration...........20 G (2 %
ΔTR; 2 % ΔVR)
Shock...............50 G (2 %
ΔTR; 2 % ΔVR)
Load Life ...... 1,000 hours, 1 watt @ 70 °C
(3 %
ΔTR)
Rotational Life........................... 200 cycles
(4 %
ΔTR)
Physical Characteristics
Torque ................................ 5.0 oz-in. max.
Mechanical Angle .................... Wiper idles
Terminals........................... Solderable pins
Weight ..........................................0.045 oz.
Marking .............................. Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model number
and style
Standard Packaging........25 pcs. per tube
Product Dimensions
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
0.25
EXCEPT WHERE NOTED
(.010)
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3005 P - 1 - 103 Z
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
Resistance Code
Optional Suffix Letter
Z = Panel Mount (Factory Installed)
Consult factory for other available options.
Standard Resistance Table
Nominal
Resistance
Resistance
Resolution
(Ohms)
Code
(Percent)
10
100
1.7
20
200
1.5
50
500
1.0
100
101
0.8
200
201
0.7
500
501
0.5
1,000
102
0.5
2,000
202
0.4
5,000
502
0.3
10,000
103
0.3
20,000
203
0.2
50,000
503
0.2
REV. 08/10
19.03
(.75)
12.70
(.50)
4.06
(.16)
3.30
(.13)
5.08
(.20)
.76
(.030)
MIN.
TYP.
TYP.
1.52 ± .38
(.060 ± .015)
2.54
(.10)
.25
(.010)
.38
(.015)
.381 ± .38
(.150 ± .015
5.54
(.218)
7.87
(.31)
1
23
ADJ. SLOT
DIA. X
WIDE
2.54
(.10)
.64
(.025)
X
DEEP
.76
(.03)
.89
(.035)
.25
(.010)
BOTTOM VIEW
Special resistances available from 10 to
50K ohms.


Similar Part No. - 3005P-1-201Z

ManufacturerPart #DatasheetDescription
logo
GHz Technology
3005 GHZTECH-3005 Datasheet
337Kb / 3P
   5 Watts - 28 Volts, Class C Microwave 3000 MHz
logo
NXP Semiconductors
3005 NXP-3005 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Heyco.
3005 HEYCO-3005 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
Christian Bürkert GmbH ...
3005 BURKERT-3005 Datasheet
1Mb / 9P
   Electrical Rotary Actuator - On/Off and control
18.01.2022
3005 BURKERT-3005 Datasheet
1,012Kb / 12P
   2/2 way Flanged Ball Valve in stainless steel, 2 pieces, DN 15…DN 200
25.06.2021
More results

Similar Description - 3005P-1-201Z

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3006P-7-105LF BOURNS-3006P-7-105LF Datasheet
124Kb / 1P
   3009 - 3/4 Rectangular Trimpot Trimming Potentiometer
3009P-1-104LF BOURNS-3009P-1-104LF Datasheet
133Kb / 1P
   3009 - 3/4 Rectangular Trimpot Trimming Potentiometer
3006 BOURNS-3006 Datasheet
131Kb / 1P
   Trimpot Trimming Potentiometer
3057 BOURNS-3057 Datasheet
117Kb / 1P
   Trimpot Trimming Potentiometer
3082P-45-204 BOURNS-3082P-45-204 Datasheet
135Kb / 1P
   3082 - 1/2 Rectangular Trimpot Trimming Potentiometer
3059 BOURNS-3059 Datasheet
116Kb / 1P
   Trimpot Trimming Potentiometer
0655 BOURNS-0655 Datasheet
159Kb / 1P
   Trimpot Trimming Potentiometer
RJ12 BOURNS-RJ12 Datasheet
121Kb / 1P
   Trimpot Trimming Potentiometer
RT12 BOURNS-RT12 Datasheet
107Kb / 1P
   Trimpot Trimming Potentiometer
TC33B-1-103E BOURNS-TC33B-1-103E Datasheet
258Kb / 2P
   3 mm SMD Trimpot Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com