Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTP30N06L Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTP30N06L
Description  Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP30N06L Datasheet(HTML) 4 Page - ON Semiconductor

  NTP30N06L Datasheet HTML 1Page - ON Semiconductor NTP30N06L Datasheet HTML 2Page - ON Semiconductor NTP30N06L Datasheet HTML 3Page - ON Semiconductor NTP30N06L Datasheet HTML 4Page - ON Semiconductor NTP30N06L Datasheet HTML 5Page - ON Semiconductor NTP30N06L Datasheet HTML 6Page - ON Semiconductor NTP30N06L Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTP30N06, NTB30N06
http://onsemi.com
4
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE
(VOLTS)
Qg, TOTAL GATE CHARGE (nC)
RG, GATE RESISTANCE (W)
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
TJ, STARTING JUNCTION TEMPERATURE (°C)
1000
100
1
0.1
1000
100
1
12
10
8
6
4
2
0
120
60
20
40
0
32
16
0
10
2400
10
1200
15
5
020
800
400
0
5
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
Figure 10. Diode Forward Voltage versus
Current
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
25
0
8
4
1
10
100
0.6
0.76
0.68
0.92
1.16
0.1
10
100
1
25
125
150
100
75
175
50
0.84
10
24
1
ID = 30 A
TJ = 25°C
VGS
VGS = 0 V
VDS = 0 V
TJ = 25°C
Crss
Ciss
Coss
Crss
Ciss
VGS = 20 V
SINGLE PULSE
TC = 25°C
VDS = 30 V
ID = 30 A
VGS = 10 V
VGS = 0 V
TJ = 25°C
ID = 26 A
tf
td(off)
td(on)
tr
RDS(on) Limit
QT
Q2
Q1
10 ms
1 ms
100
ms
dc
VGS
VDS
Thermal Limit
Package Limit
8
10
ms
1600
2000
12
16
24
10
80
100
20
1.08


Similar Part No. - NTP30N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP30N06L ONSEMI-NTP30N06L Datasheet
69Kb / 8P
   Power MOSFET 30 Amps, 60 Volts, Logic Level
March, 2002 ??Rev. 1
logo
VBsemi Electronics Co.,...
NTP30N06L VBSEMI-NTP30N06L Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
NTP30N06LG VBSEMI-NTP30N06LG Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTP30N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com