Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTHS0603N01N1003JE Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTHS0603N01N1003JE
Description  NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTHS0603N01N1003JE Datasheet(HTML) 1 Page - Vishay Siliconix

  NTHS0603N01N1003JE Datasheet HTML 1Page - Vishay Siliconix NTHS0603N01N1003JE Datasheet HTML 2Page - Vishay Siliconix NTHS0603N01N1003JE Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTHS Series
www.vishay.com
Vishay Dale
Revision: 05-Jun-13
1
Document Number: 33008
For technical questions, contact: thermistor1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
FEATURES
• Extended
resistance
values
available
in
standard sizes
• Wraparound Ni barrier terminations with
100 % Sn
• Allows design flexibility for use with hybrid
circuitry
• High-density monolithic construction with glass overcoat
• Sn90Pb10 plated terminations version available
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Temperature sensing, protection and compensation in
automotive, industrial, telecom and consumer applications.
Examples are:
• Battery chargers
• Power suppliers
• Office equipment
• LCD compensation
• In-car entertainment
DESIGN-IN SUPPORT
For complete curve computation please visit the “My Vishay NTC
curve” at: www.vishay.com/resistors-non-linear/ntc-curve-list/
or sent your part number to thermistor1@vishay.com to
obtain a calculation spreadsheet.
Note
(1) Only R25 tolerance values ± 3 %, ± 5 %, and ± 10 % are available for NTHS0402N01N types
Note
• Most popular and available values
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
4.7K to 350K
Tolerance on R25-value
± 1, ± 2, ± 3, ± 5, ± 10
%
B25/75 -value
3477 to 4247
K
B25/85 -value
3486 to 4261
K
Tolerance on B25/85 - value,
B25/75 -value
± 3
%
Operating temperature range
at zero power (intermittent)
- 40 to + 125 (150)
°C
NTHS PRODUCT DATA AND R25 RESISTANCE RANGE AVAILABILITY
CURVE
B25/75
(K)
B25/85
(K)
TCR
(%/K)
NTHS0402
(k
)
NTHS0603
(k
)
NTHS0805
(k
)
NTHS1206
(k
)
R25 ± TOL.
AVAILABILITY
2
3477
3486
- 3.84
10 to 12
6.8 to 12
4.7 to 10
6 to 10
3, 5, 10
11
3691
3715
- 4.13
30 to 34
22 to 32
15 to 30
20 to 33
3, 5, 10
1
3964
3974
- 4.39
68 to 100 (1)
50 to 100
33 to 78
38 to 100
1, 2, 3, 5, 10
17
4064
4073
- 4.50
250
150 to 220
100 to 200
100 to 220
3, 5, 10
4
4247
4262
- 4.67
350
250 to 350
200 to 300
200 to 330
3, 5, 10
Maximum dissipation at 25 °C in mW
80
125
210
280
Dissipation factor in mW/K
2.0
3.0
3.5
4.0
Thermal time constant in s
5
8
10
13
STANDARD RESISTANCE VALUES at 25 °C in
4.7K
6.8K
12K
20K
30K
47K
68K
150K
220K
330K
5.0K
10K
15K
22K
33K
50K
100K
200K
250K


Similar Part No. - NTHS0603N01N1003JE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTHS0603N01N1002FE VISHAY-NTHS0603N01N1002FE Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N01N1002FU VISHAY-NTHS0603N01N1002FU Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N01N1002GE VISHAY-NTHS0603N01N1002GE Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N01N1002GU VISHAY-NTHS0603N01N1002GU Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N01N1002HE VISHAY-NTHS0603N01N1002HE Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
More results

Similar Description - NTHS0603N01N1003JE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTHS VISHAY-NTHS_V01 Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N02N1002JE VISHAY-NTHS0603N02N1002JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
logo
MERITEK ELECTRONICS COR...
SNT MERITEK-SNT Datasheet
1Mb / 10P
   EIA size 0402, 0603, 0805, 1206
logo
Vishay Siliconix
NTCS0402E3472HMT VISHAY-NTCS0402E3472HMT Datasheet
125Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
NTCS0402E3 VISHAY-NTCS0402E3_V01 Datasheet
98Kb / 3P
   SMD 0402, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0402E3.....T VISHAY-NTCS0402E3.....T Datasheet
97Kb / 3P
   SMD 0402, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0402E3-T VISHAY-NTCS0402E3-T Datasheet
129Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
NTCS0402E3T VISHAY-NTCS0402E3T Datasheet
129Kb / 6P
   SMD 0402, Glass Protected NTC Thermistors
Revision: 04-Feb-13
NTCS0805E4473JXT VISHAY-NTCS0805E4473JXT Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com