Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG104BH152 Datasheet(PDF) 10 Page - TDK Electronics

Part # NTCG104BH152
Description  NTC Thermistors SMD NTCG series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG104BH152 Datasheet(HTML) 10 Page - TDK Electronics

Back Button NTCG104BH152 Datasheet HTML 6Page - TDK Electronics NTCG104BH152 Datasheet HTML 7Page - TDK Electronics NTCG104BH152 Datasheet HTML 8Page - TDK Electronics NTCG104BH152 Datasheet HTML 9Page - TDK Electronics NTCG104BH152 Datasheet HTML 10Page - TDK Electronics NTCG104BH152 Datasheet HTML 11Page - TDK Electronics NTCG104BH152 Datasheet HTML 12Page - TDK Electronics NTCG104BH152 Datasheet HTML 13Page - TDK Electronics NTCG104BH152 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
(9/13)
010-01 / 20090528 / eb221_ntcg.fm
• All specifications are subject to change without notice.
1608 TYPE
ELECTRICAL CHARACTERISTICS
• Resistance-temperature group A, C: Capacitance 3pF max.[25°C, 10 to 40MHz, 0.1Vrms]
RESISTANCE vs. TEMPERATURE CHARACTERISTICS TABLE (CONVERSION TABLE)
Example
∗1 R25=R25/R25(1.000)× 30=30Ω
∗2 R25=R25/R25(1.000)× 10=10kΩ
R85=R85/R25(0.1610)
× R25(30Ω)=4.83Ω
R85=R85/R25(0.09989)
× R25(10kΩ)=0.999kΩ
Resistance-temperature
group
Part No.
Nominal resistance value
[25°C]
B constant
Operating temperature
range
[25/85°C]
[25/50°C]
A
NTCG163EH300
30
Ω
3250K±3%
(3244K)
–40 to +125°C
NTCG163EH400
40
Ω
3250K±3%
(3244K)
NTCG163EH101
100
Ω
3250K±3%
(3244K)
C
NTCG164BH102
1.0k
Ω
4100K±3%
(4096K)
–40 to +125°C
NTCG164BH222
2.2k
Ω
4100K±3%
(4096K)
E
NTCG164BH332
3.3k
Ω
4100K±3%
(4067K)
–40 to +125°C
NTCG164BH472
4.7k
Ω
4100K±3%
(4067K)
NTCG164BH103
10k
Ω
4100K±3%
(4067K)
F
NTCG164LH223
22k
Ω
4550K±3%
(4485K)
–40 to +125°C
NTCG164LH333
33k
Ω
4550K±3%
(4485K)
NTCG164LH473
47k
Ω
4550K±3%
(4485K)
NTCG164LH104
100k
Ω
4550K±3%
(4485K)
NTCG164LH154
150k
Ω
4550K±3%
(4485K)
G
NTCG164QH224
220k
Ω
4750K±3%
(4661K)
–40 to +125°C
NTCG164QH334
330k
Ω
4750K±3%
(4661K)
NTCG164QH474
470k
Ω
4750K±3%
(4661K)
NTCG164QH105
1.0M
Ω
4750K±3%
(4661K)
H
NTCG163JH103
10k
Ω
3435K±3%
(3380K)
–40 to +125°C
J
NTCG164CH473
47k
Ω
4150K±3%
(4050K)
–40 to +125°C
Temp.(°C)
Resistance-temperature group
AC
EF
RT/R25
B(25/T)
RT/R25
B(25/T)
RT/R25
B(25/T)
RT/R25
B(25/T)
–40
19.59
3182
41.78
3991
38.44
3903
50.89
4203
–35
14.79
3188
29.45
4003
27.34
3915
35.49
4224
–30
11.28
3193
21.01
4014
19.68
3928
25.03
4245
–25
8.685
3199
15.17
4024
14.33
3939
17.85
4264
–20
6.753
3204
11.07
4033
10.54
3951
12.86
4284
–15
5.298
3208
8.168
4041
7.837
3962
9.353
4302
–10
4.192
3213
6.087
4049
5.883
3972
6.869
4320
–5
3.343
3217
4.581
4056
4.456
3982
5.090
4337
0
2.687
3220
3.480
4062
3.406
3992
3.805
4353
5
2.176
3224
2.667
4068
2.625
4001
2.868
4369
10
1.774
3227
2.062
4073
2.039
4010
2.179
4384
15
1.456
3230
1.607
4077
1.596
4018
1.669
4399
20
1.203
3233
1.263
4081
1.259
4026
1.287
4412
25
1.000∗1
3235
1.000
4084
1.000∗2
4034
1.000
4426
30
0.8360
3237
0.7976
4088
0.7997
4041
0.7823
4439
35
0.7029
3239
0.6407
4090
0.6437
4048
0.6160
4451
40
0.5941
3241
0.5182
4092
0.5213
4055
0.4882
4463
45
0.5047
3243
0.4218
4094
0.4248
4061
0.3893
4474
50
0.4309
3244
0.3455
4096
0.3481
4067
0.3123
4485
55
0.3697
3246
0.2847
4097
0.2869
4072
0.2520
4496
60
0.3185
3247
0.2360
4098
0.2377
4078
0.2044
4506
65
0.2757
3248
0.1967
4099
0.1979
4083
0.1667
4515
70
0.2396
3248
0.1648
4099
0.1657
4087
0.1367
4524
75
0.2091
3249
0.1388
4100
0.1393
4092
0.1126
4533
80
0.1832
3250
0.1175
4100
0.1177
4096
0.09325
4542
85
0.1610∗1
3250
0.0999
4100
0.09989∗2
4100
0.07757
4550
90
0.1421
3250
0.0853
4100
0.08513
4104
0.06482
4558
95
0.1258
3251
0.0732
4100
0.07286
4107
0.05440
4565
100
0.1118
3251
0.0630
4100
0.06260
4110
0.04584
4573
105
0.09960
3251
0.05451
4100
0.05400
4114
0.03879
4580
110
0.08903
3251
0.04731
4100
0.04675
4116
0.03295
4586
115
0.07981
3251
0.04121
4101
0.04063
4119
0.02810
4593
120
0.07175
3251
0.03602
4101
0.03543
4122
0.02405
4599
125
0.06468
3251
0.03159
4101
0.03099
4124
0.02066
4606


Similar Part No. - NTCG104BH152

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG104BH152 TDK-NTCG104BH152 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104BH152 TDK-NTCG104BH152 Datasheet
370Kb / 27P
   NTC Thermistors SMD
NTCG104BH152JT1 TDK-NTCG104BH152JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results

Similar Description - NTCG104BH152

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104KF104FT1 TDK-NTCG104KF104FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
NTCG163JF103FT1 TDK-NTCG163JF103FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com