Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3223W-1-100E Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3223W-1-100E
Description  3 mm SMD Trimpot짰 Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3223W-1-100E Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3223W-1-100E Datasheet HTML 1Page - Bourns Electronic Solutions 3223W-1-100E Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Surface Mount 3 mm Square / Multiturn
Cermet / Industrial / Sealed
Sealed to withstand standard board wash
processing
Pick and place centering design for
automated placement compatibility
Flush adjustment screw
Meets EIA/EIAJ/IPC/VECI SMD standard
trimmer footprint
Top and side adjust
■ RoHS compliant* - see processing
information on RoHS compliant surface
mount trimmers
■ For trimmer applications/processing
guidelines, click here
3223 - 3 mm SMD Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
......................10 ohms to 2 megohms
(see standard resistance table)
Resistance Tolerance ........... ±20 % std.
Absolute Minimum Resistance
........................... 1 % or 3 ohms max.
(whichever is greater)
Contact Resistance Variation
........................... 3 % or 3 ohms max.
(whichever is greater)
Resolution ................. Essentially infinite
Insulation Resistance ...............500 VDC
100 megohms min.
Dielectric Strength
Sea Level.............. 600 VAC (1 minute)
Adjustment Angle .............11 turns nom.
Environmental Characteristics
Power Rating (200 volts max.)
70 °C .................................. 0.125 watt
150 °C ....................................... 0 watt
Temperature Range ... -65 °C to +150 °C
Temperature Coefficient ... ±100 ppm/°C
Humidity .......MIL-STD-202 Method 106
TRS ±3 %; IR 10 megohms
Vibration .....20 G TRS ±1 %; VRS ±1 %
Shock .......100 G TRS ±1 %; VRS ±1 %
Load Life
........@ 70 °C rated power 1000 hours
CRV ............................. 4 ohms or 4 %
(whichever is greater)
Rotational Cycling .................200 cycles
CRV ............................. 4 ohms or 4 %
(whichever is greater)
Thermal Shock ..........................5 cycles
TRS ±2 %; VRS ±2 %
Physical Characteristics
Mechanical Stop .................. Wiper idles
Torque............................ 2.50 oz-in. max
Weight ............... Approximately 0.01 oz.
Marking
Manufacturer’s code,
resistance code and date code
Solderability...............Per MIL-STD-202,
Method 208
Wiper ............... 50 % (Actual TR) ±10 %
Flammability .............................UL94V-0
Adjustment Tool.......................... H-92-1
3223W
Product Dimensions
4.0
(.157)
4.47
(.176)
3.9
(.154)
3.18
(.125)
LEAD
FOOTPRINT
REF.
0.88
(.035)
0.40
(.016)
1
2
3
0.78
(.031)
0.3
(.012)
0.56
(.022)
0.99
(.039)
1.4
(.055)
0.9
(.035)
2 PLCS.
0.62
(.024)
0.13
(.005)
0.72
(.028)
2.8
(.110)
2.77
(.109)
3.9
(.154)
1.3
(.051)
1.6
(.063)
1.6
(.063)
RECOMMENDED LAND PATTERN
3223J Side Adjust
0.38
(0.014)
ELECTRICAL ADJUSTMENT SLOT
WIDE
0.30
(0.011)
DEEP
X
1
2
3
3223W Top Adjust
RECOMMENDED LAND PATTERN
3.18
(0.125)
3.9
(0.153)
0.81
(0.032)
1.3
(0.051)
1.3
(0.051)
2.31
(0.090)
0.98
(0.039)
3.52
(0.139)
1.6
(0.063)
2.43
(0.096)
3.9
(0.153)
2.76
(0.109)
1.97
(0.077)
0.38
(0.014)
ELEC. ADJ. SLOT
WIDE
0.30
(0.011)
DEEP
X
4.16
(0.164)
0.63
(0.025)
0.22
(0.009)
REF.
0.9
(0.035)
2.8
(0.110)
2 PLCS.
0.56
(0.022)
2 PLCS.
3223W
100
3.9
(.154)
3.18
(.125)
0.77
(.030)
5.32
(.209)
1.25
(.049)
1.25
(.049)
1
2
3
0.99
(.039)
0.13
(.005)
3.9
(.154)
3223G Side Adjust
0.38
(0.014)
ELECTRICAL ADJUSTMENT SLOT
WIDE
0.30
(0.011)
DEEP
X
0.3
(.012)
0.56
(.022)
2.77
(.109)
4.4
(.173)
LEAD
FOOTPRINT
REF.
1.4
(.055)
0.9
(.035)
2 PLCS.
2.8
(.110)
1.3
(.051)
2.0
(.079)
2.0
(.079)
RECOMMENDED LAND PATTERN
DIMENSIONS:
MM
(INCHES)
TOLERANCES:
0.25
EXCEPT WHERE NOTED
(.010)
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3223 W - 1 - 502 E
Model
Style
Standard Product Indicator
-1 = IR Reflow (Standard)
Resistance Code
Embossed Tape Designator
E = 500 pcs./7 ” Reel (Standard)


Similar Part No. - 3223W-1-100E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3223W-1-102E BOURNS-3223W-1-102E Datasheet
404Kb / 2P
   Featured Products Bulletin
3223W-1-102E BOURNS-3223W-1-102E Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
3223W-1-103 BOURNS-3223W-1-103 Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
3223W-1-103E BOURNS-3223W-1-103E Datasheet
404Kb / 2P
   Featured Products Bulletin
3223W-1-103E BOURNS-3223W-1-103E Datasheet
53Kb / 1P
   Design Kit Trimming Potentiometers
More results

Similar Description - 3223W-1-100E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TC33X-2-102E BOURNS-TC33X-2-102E Datasheet
258Kb / 2P
   TC33 - 3 mm SMD Trimpot짰 Trimming Potentiometer
TC33X-1-202E BOURNS-TC33X-1-202E Datasheet
258Kb / 2P
   TC33 - 3 mm SMD Trimpot짰 Trimming Potentiometer
3303W-3-103E BOURNS-3303W-3-103E Datasheet
237Kb / 2P
   3303 - 3 mm SMD Trimpot짰 Trimming Potentiometer
3313J-1-201E BOURNS-3313J-1-201E Datasheet
397Kb / 2P
   3313 - 3 mm Trimpot짰 Trimming Potentiometer
3313J-1-103E BOURNS-3313J-1-103E Datasheet
397Kb / 2P
   3313 - 3 mm Trimpot짰 Trimming Potentiometer
3302 BOURNS-3302 Datasheet
186Kb / 1P
   2 mm SMD Trimpot짰 Trimming Potentiometer
3313J-1-500E BOURNS-3313J-1-500E Datasheet
402Kb / 2P
   3313 - 3 mm Trimpot짰 Trimming Potentiometer
3313J-1-501E BOURNS-3313J-1-501E Datasheet
397Kb / 2P
   3313 - 3 mm Trimpot짰 Trimming Potentiometer
3224X-1-102E BOURNS-3224X-1-102E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
3224W-1-104E BOURNS-3224W-1-104E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com