Electronic Components Datasheet Search |
|
3059L-1103MLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
3059L-1103MLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 1 page 3.18 (.125) 31.75 (1.25) 25.4 (1.000) 1.47 ± .56 (.058 ± .022) 2.36 (.093) MTG. HOLES (2) LEADS MIN. LENGTH 6.10 (.240) 6.10 .240 4.83 (.190) 8.00 ± .38 (.315 ± .015) 2.67 ± .25 (.105 ± .010) 3.43 ± .38 (.135 ± .015) 17.78 (.700) 22.86 (.900) 6.60 (.260) 2 1 3 12.70 ± .79 (.500 ± .031) .71 ± .03 (.028 ± .001) 2 1 3 3.80 (.150) 2.54 (.100) 17.78 (.700) 7.62 (.300) 6.60 (.260) DIA. TYP. DIA. TYP. TYP. 152.4 (6.000) ADJ. SLOT 2.92 ± .38 (.115 ± .015) .64 (.025) .79 (.031) WIDE X X DEEP DIA. .71 ± .03 (.028 ± .001) DIA. TYP. Features ■ 1-1/4 ” Rectangular / Multiturn Cermet / Industrial / Sealed ■ Panel mount option available ■ Listed on the QPL for style RJ12 per MIL-PRF-22097 ■ RoHS compliant* version available ■ For trimmer applications/processing guidelines, click here 3059 - Trimpot® Trimming Potentiometer *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. “Trimpot” is a registered trademark of Bourns, Inc. †“Fluorinert” is a registered trademark of 3M Co. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Electrical Characteristics Standard Resistance Range ................................10 to 2 megohms (see standard resistance table) Resistance Tolerance ........... ±10 % std. (tighter tolerance available) Absolute Minimum Resistance ........................... 1 % or 2 ohms max. (whichever is greater) Contact Resistance Variation .......................... 1.0 % or 1 ohm max. (whichever is greater) Adjustability Voltage .................................. ±0.01 % Resistance ............................ ±0.05 % Resolution ................................... Infinite Insulation Resistance ............... 500 vdc. 1,000 megohms min. Dielectric Strength Sea Level................................ 900 vac 70,000 Feet ............................ 350 vac Effective Travel .................22 turns nom. Environmental Characteristics Power Rating @ 70 °C (400 volts max.) ............................................... 1.0 watt Power Rating @ 150 °C ............... 0 watt Temperature Range ... -55 °C to +150 °C Temperature Coefficient ... ±100 ppm/°C Seal Test ......................85 °C Fluorinert† (pin styles only) Humidity .......MIL-STD-202 Method 106 (2 % ΔTR, 10 Megohms IR) Vibration ....... 20 G (1 % ΔTR; 1 % ΔVR) Shock ........... 50 G (1 % ΔTR; 1 % ΔVR) Load Life. 1,000 hours 1.0 watt @ 70 °C ...................(3 % ΔTR; 1% or 1 ohms, whichever is greater, CRV) Rotational Life .......................200 cycles (2 % ΔTR; 1 % or 1 ohm, whichever is greater, CRV) Physical Characteristics Torque............................. 5.0 oz-in. max. Mechanical Stops................. Wiper idles Terminals Solderable printed circuit pins Flexible leads ......(7 strands of 30 AWG) Weight ......................................... 0.1 oz. Marking.........Manufacturer’s trademark, resistance code, terminal numbers, date code, manufacturer’s model number and style Wiper ............... 50 % (Actual TR) ±10 % Flammability ..........................U.L. 94V-0 Standard Packaging P&Y Styles ................10 pcs. per tube L&J Styles ..................25 pcs. per bag Adjustment Tool.............................. H-90 Product Dimensions How To Order 3059 L - 1 - 103 M LF Model Style Standard or Modified Product Indicator -1 = Standard Product Resistance Code Optional Suffix Letter M = Panel Mount (Factory Installed) Terminations LF = 100 % Tin-plated (RoHS compliant) Blank = 90 % Tin / 10 % Lead-plated (Standard) Standard Resistance Table Resistance Resistance (Ohms) Code 10 100 20 200 50 500 100 101 200 201 500 501 1,000 102 2,000 202 5,000 502 10,000 103 20,000 203 25,000 253 50,000 503 100,000 104 200,000 204 250,000 254 500,000 504 1,000,000 105 2,000,000 205 REV. 08/10 TOLERANCES: ± 0.25 EXCEPT WHERE NOTED (.010) DIMENSIONS: MM (INCHES) Popular distribution values listed in boldface. Special resistances available. 3059L Common Dimensions 3059J 3059P 1 3 GREEN CW CLOCKWISE YELLOW CCW 2 WIPER RED 3059Y .71 ± .03 (.028 ± .001) DIA. TYP. 7.62 (.300) 17.78 (.700) 6.60 (.260) 2 3 12.70 ± .79 (.500 ± .031) 1 2.54 (.100) 2.54 (.100) |
Similar Part No. - 3059L-1103MLF |
|
Similar Description - 3059L-1103MLF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |