Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCG104LH683 Datasheet(PDF) 11 Page - TDK Electronics

Part # NTCG104LH683
Description  NTC Thermistors SMD NTCG series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NTCG104LH683 Datasheet(HTML) 11 Page - TDK Electronics

Back Button NTCG104LH683 Datasheet HTML 6Page - TDK Electronics NTCG104LH683 Datasheet HTML 7Page - TDK Electronics NTCG104LH683 Datasheet HTML 8Page - TDK Electronics NTCG104LH683 Datasheet HTML 9Page - TDK Electronics NTCG104LH683 Datasheet HTML 10Page - TDK Electronics NTCG104LH683 Datasheet HTML 11Page - TDK Electronics NTCG104LH683 Datasheet HTML 12Page - TDK Electronics NTCG104LH683 Datasheet HTML 13Page - TDK Electronics NTCG104LH683 Datasheet HTML 14Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
(10/13)
010-01 / 20090528 / eb221_ntcg.fm
• All specifications are subject to change without notice.
1608 TYPE
RESISTANCE vs. TEMPERATURE CHARACTERISTICS TABLE (CONVERSION TABLE)
∗1 B25/50: 3380±1%
∗2 B25/50: 4050±3%
Temp.(°C)
Resistance-temperature group
GH
J
RT/R25
B(25/T)
RT/R25
B(25/T)
RT/R25
B(25/T)
–40
18.850
3140
35.340
3813
–35
14.429
3159
25.280
3822
–30
11.133
3176
18.330
3834
–25
8.656
3194
13.470
3848
–20
13.55
4371
6.779
3210
10.010
3864
–15
9.833
4398
5.346
3226
7.520
3882
–10
7.197
4424
4.245
3241
5.697
3900
–5
5.309
4449
3.393
3256
4.352
3919
0
3.947
4473
2.728
3270
3.349
3937
5
2.957
4496
2.207
3283
2.596
3956
10
2.232
4518
1.796
3296
2.026
3974
15
1.696
4539
1.470
3308
1.591
3989
20
1.298
4559
1.209
3320
1.258
4012
25
1.000
4577
1.000
3332
1.000
4024
30
0.7755
4596
0.831
3343
0.800
4036
35
0.6052
4614
0.694
3353
0.644
4049
40
0.4753
4630
0.583
3363
0.521
4062
45
0.3754
4646
0.491
3373
0.424
4074
50
0.2983
4661
0.416
3382∗1
(3346 to 3414)
0.347
4085∗2
(3928 to 4171)
55
0.2384
4676
0.354
3390
0.285
4096
60
0.1916
4690
0.302
3399
0.235
4106
65
0.1548
4703
0.259
3407
0.195
4115
70
0.1257
4716
0.223
3414
0.163
4126
75
0.1026
4728
0.192
3422
0.137
4134
80
0.08412
4739
0.167
3428
0.115
4142
85
0.06933
4750
0.145
3435
0.0971
4150
90
0.05740
4760
0.127
3441
0.0824
4158
95
0.04773
4770
0.111
3447
0.0702
4165
100
0.03987
4780
0.0975
3453
0.0601
4172
105
0.03344
4789
0.0860
3458
0.0515
4179
110
0.02817
4797
0.0760
3463
0.0444
4186
115
0.02382
4806
0.0674
3468
0.0384
4193
120
0.02022
4813
0.0599
3473
0.0333
4199
125
0.01723
4821
0.0534
3478
0.0289
4206


Similar Part No. - NTCG104LH683

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG104LH683 TDK-NTCG104LH683 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104LH683 TDK-NTCG104LH683 Datasheet
370Kb / 27P
   NTC Thermistors SMD
NTCG104LH683HT1 TDK-NTCG104LH683HT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG104LH683JT1 TDK-NTCG104LH683JT1 Datasheet
110Kb / 2P
   Chip NTC Thermistors (Sensor)
More results

Similar Description - NTCG104LH683

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
NTCG104KF104FT1 TDK-NTCG104KF104FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
NTCG163JF103FT1 TDK-NTCG163JF103FT1 Datasheet
146Kb / 14P
   NTC Thermistors NTCG Series(SMD, Pb Free) NTCG06/10/16/20 Types
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com